Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK107BJ474A Datasheet(PDF) 12 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK107BJ474A
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK107BJ474A Datasheet(HTML) 12 Page - Taiyo Yuden (U.S.A.), Inc

Back Button TMK107BJ474A Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc TMK107BJ474A Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
14
11
mlcc02_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
105TYPE
Class1【C△ characteristic】
Class1【U△ characteristic】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 CK0R5CW
CK
0.5
±0.25pF
410
0.5±0.05
R
200%
UMK105 CK010CW
CK
1
±0.25pF
420
0.5±0.05
R
200%
UMK105 CK1R5CW
CK
1.5
±0.25pF
430
0.5±0.05
R
200%
UMK105 CK020CW
CK
2
±0.25pF
440
0.5±0.05
R
200%
UMK105 CJ030CW
CJ
3
±0.25pF
460
0.5±0.05
R
200%
UMK105 CH040CW
CH
4
±0.25pF
480
0.5±0.05
R
200%
UMK105 CH050CW
CH
5
±0.25pF
500
0.5±0.05
R
200%
UMK105 CH060DW
CH
6
±0.5pF
520
0.5±0.05
R
200%
UMK105 CH070DW
CH
7
±0.5pF
540
0.5±0.05
R
200%
UMK105 CH080DV
CH
8
±0.5pF
560
0.5±0.05
R
200%
UMK105 CH090DV
CH
9
±0.5pF
580
0.5±0.05
R
200%
UMK105 CH100DV
CH
10
±0.5pF
600
0.5±0.05
R
200%
UMK105 CH120JV
CH
12
±5%
640
0.5±0.05
R
200%
UMK105 CH150JV
CH
15
±5%
700
0.5±0.05
R
200%
UMK105 CH180JV
CH
18
±5%
760
0.5±0.05
R
200%
UMK105 CH220JV
CH
22
±5%
840
0.5±0.05
R
200%
UMK105 CH270JV
CH
27
±5%
940
0.5±0.05
R
200%
UMK105 CH330JV
CH
33
±5%
1000
0.5±0.05
R
200%
UMK105 CH390JV
CH
39
±5%
1000
0.5±0.05
R
200%
UMK105 CH470JV
CH
47
±5%
1000
0.5±0.05
R
200%
UMK105 CH560JV
CH
56
±5%
1000
0.5±0.05
R
200%
UMK105 CH680JV
CH
68
±5%
1000
0.5±0.05
R
200%
UMK105 CH820JV
CH
82
±5%
1000
0.5±0.05
R
200%
UMK105 CH101JV
CH
100
±5%
1000
0.5±0.05
R
200%
UMK105 CH121JV
CH
120
±5%
1000
0.5±0.05
R
200%
UMK105 CH151JV
CH
150
±5%
1000
0.5±0.05
R
200%
UMK105 CH181JV
CH
180
±5%
1000
0.5±0.05
R
200%
UMK105 CH221JV
CH
220
±5%
1000
0.5±0.05
R
200%
UMK105 CH271JV
CH
270
±5%
1000
0.5±0.05
R
200%
UMK105 CH331JV
CH
330
±5%
1000
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔pF〕
Capacitance
tolerance
Q
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK105 UK0R5CW
UK
0.5
±0.25pF
410
0.5±0.05
R
200%
UMK105 UK010CW
UK
1
±0.25pF
420
0.5±0.05
R
200%
UMK105 UK1R5CW
UK
1.5
±0.25pF
430
0.5±0.05
R
200%
UMK105 UK020CW
UK
2
±0.25pF
440
0.5±0.05
R
200%
UMK105 UK030CW
UK
3
±0.25pF
460
0.5±0.05
R
200%
UMK105 UJ040CW
UJ
4
±0.25pF
480
0.5±0.05
R
200%
UMK105 UJ050CW
UJ
5
±0.25pF
500
0.5±0.05
R
200%
UMK105 UJ060DW
UJ
6
±0.5pF
520
0.5±0.05
R
200%
UMK105 UJ070DW
UJ
7
±0.5pF
540
0.5±0.05
R
200%
UMK105 UJ080DW
UJ
8
±0.5pF
560
0.5±0.05
R
200%
UMK105 UJ090DW
UJ
9
±0.5pF
580
0.5±0.05
R
200%
UMK105 UJ100DW
UJ
10
±0.5pF
600
0.5±0.05
R
200%
UMK105 UJ120JW
UJ
12
±5%
640
0.5±0.05
R
200%
UMK105 UJ150JW
UJ
15
±5%
700
0.5±0.05
R
200%
UMK105 UJ180JW
UJ
18
±5%
760
0.5±0.05
R
200%
UMK105 UJ220JV
UJ
22
±5%
840
0.5±0.05
R
200%
UMK105 UJ270JV
UJ
27
±5%
940
0.5±0.05
R
200%
UMK105 UJ330JV
UJ
33
±5%
1000
0.5±0.05
R
200%
UMK105 UJ390JV
UJ
39
±5%
1000
0.5±0.05
R
200%
UMK105 UJ470JV
UJ
47
±5%
1000
0.5±0.05
R
200%
UMK105 UJ560JV
UJ
56
±5%
1000
0.5±0.05
R
200%
UMK105 UJ680JV
UJ
68
±5%
1000
0.5±0.05
R
200%
UMK105 UJ820JV
UJ
82
±5%
1000
0.5±0.05
R
200%
UMK105 UJ101JV
UJ
100
±5%
1000
0.5±0.05
R
200%
UMK105 UJ121JV
UJ
120
±5%
1000
0.5±0.05
R
200%
UMK105 UJ151JV
UJ
150
±5%
1000
0.5±0.05
R
200%
UMK105 UJ181JV
UJ
180
±5%
1000
0.5±0.05
R
200%
UMK105 UJ221JV
UJ
220
±5%
1000
0.5±0.05
R
200%
UMK105 UJ271JV
UJ
270
±5%
1000
0.5±0.05
R
200%
UMK105 UJ331JV
UJ
330
±5%
1000
0.5±0.05
R
200%
Note: Please contact Taiyo Yuden sales channels about items (capacitance and tolerance) other than listed above.


Similar Part No. - TMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK107BJ474A TAIYO-YUDEN-TMK107BJ474A Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products?
More results

Similar Description - TMK107BJ474A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com