Electronic Components Datasheet Search |
|
LMK107BJ475KA-T Datasheet(PDF) 34 Page - Taiyo Yuden (U.S.A.), Inc |
|
LMK107BJ475KA-T Datasheet(HTML) 34 Page - Taiyo Yuden (U.S.A.), Inc |
34 / 51 page 32 11 mlcc07_e-01 ■ FEATURES ■ PART NUMBER ■ STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY ■ AVAILABLE CAPACITANCE RANGE ■ APPLICATIONS *This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification. For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs. ◦Low equivalent series resistance(ESR). ◦Low equivalent series inductor(ESL). ◦The effect of noise removal in the high frequency. ◦Decreased ripple voltage. ◦Small size with high capacitance. ◦Decoupling capacitors ◦Filtering capacitors ❶Rated voltage〔VDC〕 A 4 J 6.3 L 10 E 16 T 25 ❾Thickness 〔mm〕 P 0.3 V 0.5 D 0.85 ⓫Packaging F φ178mm Taping (2mm pitch) 0204 Type T φ178mm Taping (4mm pitch) 0306, 0508 Type ❼Nominal capacitance 〔μF〕 example 105 1.0 106 10.0 ❻Temperature characteristics code BJ B X5R C6 X6S C7 X7S B7 X7R ❷Series name W LW Reverse Type ❸End termination K Plated ❽Capacitance tolerance K ±10% M ±20% LW REVERSAL DECOUPLING CAPACITORS(LWDCTM) ⓬Internal code △ Standard △=Blank space ❿Special code - Standard REFLOW J W K 2 1 2 △ B J 1 0 6 M D - T △ ❶ ❷ ❸ ❹ ❺ ❻ ❼ ❽ ❾ ❿ ⓫ ⓬ ❺Dimension tolerance △ Standard △=Blank space ❹Dimension Type (inch) L×W〔mm〕 105 (0204) 0.52×1.0 107 (0306) 0.8×1.6 212 (0508) 1.25×2.0 Type Dimension [mm] Standard quantity [pcs] L W T Paper tape Embossed tape □WK105 (0204 inch) 0.52±0.05 1.00±0.05 0.30±0.05 P 10000 - 0.50±0.05 V □WK107 (0306 inch) 0.80±0.10 1.60±0.10 0.50±0.05 V - 4000 □WK212 (0508 inch) 1.25±0.15 2.00±0.15 0.85±0.10 D 4000 - Cap [μF] Type 105 107 212 X7S X6S X5R X7R X7S X6S X5R X6S X5R VDC 10 6.3 4 16 10 6.3 4 25 16 10 6.3 4 25 16 6.3 4 4 25 16 10 6.3 6.3 4 10 6.3 [3-digit] 0.10 104 P P P P P V V 0.22 224 P P P P P V V 0.47 474 P P P P V V 1.0 105 V P,V V P,V V V V 2.2 225 V V V 4.7 475 V V D D 10 106 D D 22 226 D D ※Letters in the table indicate thickness. Temp.char.Code Temperature characteristics Capacitance tolerance 〔%〕 Applicable standard Temperature range〔℃〕 Ref. Temp.〔℃〕 Capacitance change〔%〕 BJ JIS B -25~+85 20 ±10 ±10(K) ±20(M) EIA X5R -55~+85 25 ±15 C6 EIA X6S -55~+105 25 ±22 C7 EIA X7S -55~+125 25 ±22 B7 EIA X7R -55~+125 25 ±15 |
Similar Part No. - LMK107BJ475KA-T |
|
Similar Description - LMK107BJ475KA-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |