Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3V-16-3C25 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # D3V-16-3C25
Description  Reliable Basic Switch with External Lever
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-16-3C25 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button D3V-16-3C25 Datasheet HTML 8Page - Omron Electronics LLC D3V-16-3C25 Datasheet HTML 9Page - Omron Electronics LLC D3V-16-3C25 Datasheet HTML 10Page - Omron Electronics LLC D3V-16-3C25 Datasheet HTML 11Page - Omron Electronics LLC D3V-16-3C25 Datasheet HTML 12Page - Omron Electronics LLC D3V-16-3C25 Datasheet HTML 13Page - Omron Electronics LLC D3V-16-3C25 Datasheet HTML 14Page - Omron Electronics LLC D3V-16-3C25 Datasheet HTML 15Page - Omron Electronics LLC D3V-16-3C25 Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Miniature Basic Switch
D3V
85
Short Hinge Roller Lever Models
D3V-21G5-1
@4A-Δ
D3V-165-1
@5-Δ
D3V-115-1
@5-Δ
D3V-115-1
@4-Δ
D3V-65-1
@4-Δ
D3V-6G5-1
@3-Δ
D3V-015-1
@3-Δ
4.8
10.3
5.1
PT
20.1
±0.8
8.1
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.8
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
t=0.5
Three, quick-connect
terminals (#187)
Note: 1. Stainless-steel lever
2. Oilless polyacetar resin roller
D3V-21G5M-1
@4A-Δ
D3V-165M-1
@5-Δ
D3V-115M-1
@5-Δ
D3V-115M-1
@4-Δ
D3V-65M-1
@4-Δ
D3V-6G5M-1
@3-Δ
D3V-015M-1
@3-Δ
A
Model
D3V-21G5(M)-1
@4A-Δ
D3V-165(M)-1
@5-Δ
D3V-115(M)-1
@5-Δ
D3V-115(M)-1
@4-Δ
D3V-65(M)-1
@4-Δ
D3V-6G5(M)-1
@3-Δ
D3V-015(M)-1
@3-Δ
OF max.
RF min.
145 gf
20 gf
240 gf
50 gf
120 gf
15 gf
60 gf
6 gf
PT max.
OT min.
MD max.
1.6 mm
0.8 mm
0.5 mm
1.6 mm
0.8 mm
0.6 mm (F gap type) or 0.5 mm (G gap type)
1.6 mm
0.8 mm
0.6 mm
OP
20.7
±0.6 mm
D3V-21G5K-1
@4A-Δ
D3V-165K-1
@5-Δ
D3V-115K-1
@5-Δ
D3V-115K-1
@4-Δ
D3V-65K-1
@4-Δ
D3V-6G5K-1
@3-Δ
D3V-015K-1
@3-Δ
5.1
10.3
PT
25.9
±0.8
14.3
8.5
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.8
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
Model
D3V-21G5K-1
@4A-D
D3V-165K-1
@5-D
D3V-115K-1
@5-D
D3V-115K-1
@4-D
D3V-65K-1
@4-D
D3V-6G5K-1
@3-D
D3V-015K-1
@3-D
OF max.
RF min.
100 gf
8 gf
160 gf
15 gf
80 gf
8 gf
40 gf
4 gf
PT max.
OT min.
MD max.
2.6 mm
1.0 mm
8.0 mm
2.6 mm
1.0 mm
0.9 mm (F gap type) or 0.8 mm (G gap type)
2.6 mm
1.0 mm
0.9 mm
OP
20.7
± 1.0 mm


Similar Part No. - D3V-16-3C25

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-16G-3C25 OMRON-D3V-16G-3C25 Datasheet
1Mb / 18P
   Miniature Basic Switch
D3V-16G1MK-1A4-TKE OMRON-D3V-16G1MK-1A4-TKE Datasheet
1Mb / 18P
   Miniature Basic Switch
D3V-16G1MK-1A4-TKH OMRON-D3V-16G1MK-1A4-TKH Datasheet
1Mb / 18P
   Miniature Basic Switch
D3V-16G1MK-1A4-W2KE OMRON-D3V-16G1MK-1A4-W2KE Datasheet
1Mb / 18P
   Miniature Basic Switch
D3V-16G1MK-1A4-W2KH OMRON-D3V-16G1MK-1A4-W2KH Datasheet
1Mb / 18P
   Miniature Basic Switch
More results

Similar Description - D3V-16-3C25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com