Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3P015 Datasheet(PDF) 19 Page - Microsemi Corporation

Part # A3P015
Description  ProASIC3 Flash Family FPGAs
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P015 Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button A3P015 Datasheet HTML 15Page - Microsemi Corporation A3P015 Datasheet HTML 16Page - Microsemi Corporation A3P015 Datasheet HTML 17Page - Microsemi Corporation A3P015 Datasheet HTML 18Page - Microsemi Corporation A3P015 Datasheet HTML 19Page - Microsemi Corporation A3P015 Datasheet HTML 20Page - Microsemi Corporation A3P015 Datasheet HTML 21Page - Microsemi Corporation A3P015 Datasheet HTML 22Page - Microsemi Corporation A3P015 Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-5
Package Thermal Characteristics
The device junction-to-case thermal resistivity is
jc and the junction-to-ambient air thermal resistivity is
ja. The thermal characteristics for ja are shown for two air flow rates. The absolute maximum junction
temperature is 100°C. EQ 2 shows a sample calculation of the absolute maximum power dissipation
allowed for a 484-pin FBGA package at commercial temperature and in still air.
EQ 2
Maximum Power Allowed
Max. junction temp. (
C) Max. ambient temp. (C)
ja(C/W)
------------------------------------------------------------------------------------------------------------------------------------------
100
C70C
20.5
C/W
-------------------------------------
1.463 W
·
=
=
=
Table 2-5 • Package Thermal Resistivities
Package Type
Device
Pin Count
jc
ja
Units
Still Air 200 ft./min.
500 ft./min.
Quad Flat No Lead
A3P030
132
0.4
21.4
16.8
15.3
C/W
A3P060
132
0.3
21.2
16.6
15.0
C/W
A3P125
132
0.2
21.1
16.5
14.9
C/W
A3P250
132
0.1
21.0
16.4
14.8
C/W
Very Thin Quad Flat Pack (VQFP)
All devices
100
10.0
35.3
29.4
27.1
C/W
Thin Quad Flat Pack (TQFP)
All devices
144
11.0
33.5
28.0
25.7
C/W
Plastic Quad Flat Pack (PQFP)
All devices
208
8.0
26.1
22.5
20.8
C/W
PQFP with embedded heatspreader
All devices
208
3.8
16.2
13.3
11.9
C/W
Fine Pitch Ball Grid Array (FBGA)
See note*
144
3.8
26.9
22.9
21.5
C/W
See note*
256
3.8
26.6
22.8
21.5
C/W
See note*
484
3.2
20.5
17.0
15.9
C/W
A3P1000
144
6.3
31.6
26.2
24.2
C/W
A3P1000
256
6.6
28.1
24.4
22.7
C/W
A3P1000
484
8.0
23.3
19.0
16.7
C/W
Note: *This information applies to all ProASIC3 devices except the A3P1000. Detailed device/package thermal
information will be available in future revisions of the datasheet.


Similar Part No. - A3P015

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P015 MICROSEMI-A3P015 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P015 MICROSEMI-A3P015 Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P015 MICROSEMI-A3P015 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P015-1CS100 MICROSEMI-A3P015-1CS100 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P015-1CS100ES MICROSEMI-A3P015-1CS100ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3P015

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com