Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS15002 Datasheet(PDF) 20 Page - Microsemi Corporation

Part # P1AFS15002
Description  Terrestrial FPGA and SoC Product Catalog
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS15002 Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button P1AFS15002 Datasheet HTML 16Page - Microsemi Corporation P1AFS15002 Datasheet HTML 17Page - Microsemi Corporation P1AFS15002 Datasheet HTML 18Page - Microsemi Corporation P1AFS15002 Datasheet HTML 19Page - Microsemi Corporation P1AFS15002 Datasheet HTML 20Page - Microsemi Corporation P1AFS15002 Datasheet HTML 21Page - Microsemi Corporation P1AFS15002 Datasheet HTML 22Page - Microsemi Corporation P1AFS15002 Datasheet HTML 23Page - Microsemi Corporation P1AFS15002 Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
21
www.microsemi.com/soc
FPGA Design
FlashPro4, ULINK, J-LINK
Hardware Interfaces
MSS Configuration – Analog Configuration
MSS Configurator*
Design Entry and IP Libraries
Simulation and Synthesis
Compile and Layout
Timing and Power Analysis
Hardware Debug
Embedded Design
Software IDE
(SoftConsole, Keil, IAR)
Drivers and Sample Projects
Application Development
Build Project
Simulation
Software Debug
Design Environment for Microsemi Flash Devices
* MSS configurator is specific to the SmartFusion design flow.
Microsemi’s Libero® Integrated Design Environment (IDE) is a comprehensive
software toolset for designing with all Microsemi FPGAs. Libero IDE includes
industry-leading synthesis, simulation and debug tools from Synopsys®
and Mentor Graphics®, as well as innovative timing and power optimization
and analysis.
Microsemi’s SmartDesign tool simplifies the use of Microsemi IP in user
designs as well as offering a simple way to build on-chip processors with
custom peripherals. Most Microsemi IP cores are now included by default
in Libero IDE as either obfuscated or RTL versions, depending on the
license selected.
For embedded designers, Microsemi offers FREE SoftConsole Eclipse-based
IDE for use with ARM Cortex-M1, Cortex-M3 and Core8051s, as well as
evaluation versions from Keiland IAR Systems®. Full versions are available
from respective suppliers.
For SmartFusion cSoCs, the MSS configurator creates a bridge between
the FPGA fabric and embedded designs, so device configuration can be
easily shared among multiple developers. The MSS configurator allows
the designer to choose peripherals, assign configuration settings and
change I/O attributes. Most importantly, the memory map is automatically
generated according to the user’s selections, along with all the required
firmware for the selected configuration. The memory map and firmware are
imported into the software project, whether it is GNU, Keil or IAR.
FPGA Design Support
Embedded Design Support
Platform Support
Libero IDE Licenses
Gold(FREE)
Platinum
Platinum Evaluation
Standalone
Device Support
All families
Up to 1,500,000 gates
All devices
All devices
All devices
Microsemi IP
Obfuscated
RTL
Obfuscated
RTL
Synthesis
Synplify® Pro AE
x
x
x
Simulation
ModelSim® AE
x
x
x
Debug
Identify® AE
x
x
x
Microsemi Debug
x
x
x
x
Program File
x
x
x
Microsemi
Keil
IARSystems
SoftConsole
Keil MDK
EmbeddedWorkbench®
FreeVersionsfromMicrosemi
Free with Libero IDE
32 K Code Limited
32 K Code Limited
AvailablefromVendor
N/A
Full version
Full version
Compiler
GNU GCC
RealView® C/C++
IAR ARM Compiler
Debugger
GDB Debug
µVision Debugger
C-SPY® Debugger
Instruction Set Simulator
No
µVision Simulator
Yes
DebugHardware
FlashPro4
ULink®2 or ULINK-ME
J-Linkor J-Link Lite
Tool
Libero IDE
SoftConsole
Keil
IAR
FlashPro
Windows®XPProfessional
Now
Now
Now
Now
Now
WindowsVistaBusiness
andWindows7
Now
Now
Now
Now
Now
RedHatLinuxWS5.0,5.2
Now
N/A
N/A
N/A
N/A


Similar Part No. - P1AFS15002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS1500 MICROSEMI-P1AFS1500 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256 MICROSEMI-P1AFS1500-1FG256 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256ES MICROSEMI-P1AFS1500-1FG256ES Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256I MICROSEMI-P1AFS1500-1FG256I Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256PP MICROSEMI-P1AFS1500-1FG256PP Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - P1AFS15002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
DS0128 MICROSEMI-DS0128 Datasheet
1Mb / 140P
   IGLOO2 FPGA and SmartFusion2 SoC FPGA
Revision 12.0
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Teccor Electronics
Q8008L5 TECCOR-Q8008L5 Datasheet
2Mb / 223P
   Thyristor Product Catalog
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com