Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS15002 Datasheet(PDF) 18 Page - Microsemi Corporation

Part No. P1AFS15002
Description  Terrestrial FPGA and SoC Product Catalog
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS15002 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button P1AFS15002 Datasheet HTML 14Page - Microsemi Corporation P1AFS15002 Datasheet HTML 15Page - Microsemi Corporation P1AFS15002 Datasheet HTML 16Page - Microsemi Corporation P1AFS15002 Datasheet HTML 17Page - Microsemi Corporation P1AFS15002 Datasheet HTML 18Page - Microsemi Corporation P1AFS15002 Datasheet HTML 19Page - Microsemi Corporation P1AFS15002 Datasheet HTML 20Page - Microsemi Corporation P1AFS15002 Datasheet HTML 21Page - Microsemi Corporation P1AFS15002 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
19
www.microsemi.com/soc
SX-A
SX-A Devices
I/Os Per Package
SX-A Device
A54SX08A
A54SX16A
A54SX32A
A54SX72A
Typical Gates
8,000
16,000
32,000
72,000
System Gates
12,000
24,000
48,000
108,000
Logic Modules
768
1,452
2,880
6,036
Combinatorial Cells
512
924
1,800
4,024
Dedicated Flip-Flops
256
528
1,080
2,012
Maximum Flip-Flops
512 *
990
1,980
4,024
Maximum User I/Os
130
180
249
360
Global Clocks
3
3
3
3
Quadrant Clocks
0
0
0
4
BoundaryScanTesting
Yes
Yes
Yes
Yes
3.3V/5VPCI
Yes
Yes
Yes
Yes
Input Set-Up (external)
0 ns
0 ns
0 ns
0 ns
Speed Grades
–F, Std., –1, –2
–F, Std., –1, –2
–F, Std., –1, –2
–F, Std., –1, –2
Temperature Grades
C, I, A, M
C, I, A, M
C, I, A, M, B
C, I, A, M, B
SX-A Devices
A54SX08A
A54SX16A
A54SX32A
A54SX72A
PQ
208
208
208
208
VQ
TQ
100, 144
100, 144
100, 144, 176
BG
329
FG
144
144, 256
144, 256, 484
256, 484
CQ
84, 208, 256
208, 256
Reducingthecostofperformance
The SX-A family of FPGAs offers a cost-effective, single-chip solution for low-power, high-performance designs. SX-A devices can be used to generate system-wide
savings by integrating multiple functions into a single-chip solution. Providing a combination of performance, security, and low power, SX-A FPGAs decrease the
premium for performance while providing a solution that is highly resistant to reverse engineering.
• 12,000to108,000usable
system gates
• 250MHzsystemperformance
• 350MHzinternalperformance
• Hot-swapcompliantI/Os
• Power-upandpower-down
friendly(nosequencingrequired
forsupplyvoltages)
• 66MHz,64-bit3.3V/5.0VPCI
performance(supportingtarget,
master and master/target)
• 2.5V,3.3V,and5.0V
mixed-voltage support
• 100%resourceutilization
with100%pinlocking


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn