Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS15002 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # P1AFS15002
Description  Terrestrial FPGA and SoC Product Catalog
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS15002 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button P1AFS15002 Datasheet HTML 11Page - Microsemi Corporation P1AFS15002 Datasheet HTML 12Page - Microsemi Corporation P1AFS15002 Datasheet HTML 13Page - Microsemi Corporation P1AFS15002 Datasheet HTML 14Page - Microsemi Corporation P1AFS15002 Datasheet HTML 15Page - Microsemi Corporation P1AFS15002 Datasheet HTML 16Page - Microsemi Corporation P1AFS15002 Datasheet HTML 17Page - Microsemi Corporation P1AFS15002 Datasheet HTML 18Page - Microsemi Corporation P1AFS15002 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
16 www.microsemi.com/soc
FPGA Packages
CS121
f
IGLOO
ProASIC3
p
s 6x6 mm
h
0.90 mm
p
0.50 mm
CS81
f
IGLOO
IGLOO nano
p
s 5x5 mm
h
0.80 mm
p
0.50 mm
UC81
f
IGLOO
IGLOO nano
p
s 4x4 mm
h
0.80 mm
p
0.40 mm
UC36
f
IGLOO nano
p
s 3x3 mm
h
0.80 mm
p
0.40 mm
FG896
f
IGLOOe1
ProASIC3E1
ProASIC3L1
Military
ProASIC3/EL1
p
s 31x31 mm
h
2.23 mm
p
1.00 mm
  FG144
f
IGLOO1
ProASIC31
ProASIC3L1
Military
ProASIC3/EL1
p
s 13x13 mm
h
1.45 mm
p
1.00 mm
FG256
f
SmartFusion
Fusion1, 3, 4
IGLOO1
IGLOOe
ProASIC31, 2
ProASIC3E2
ProASIC3L1
p
s 17x17 mm
h
1.60 mm
p
1.00 mm
FG676
f
ProASIC3E1
Fusion1
p
s 27x27 mm
h
2.23 mm
p
1.00 mm
FG484
f
SmartFusion
Fusion1, 3
IGLOO1
IGLOOe1
ProASIC31, 2
ProASIC3E1, 2
ProASIC3L1
Military
ProASIC3/EL1
p
s 23x23 mm
h
2.23 mm
p
1.00 mm
FG324
f
ProASIC3E1
ProASIC3L1
p
s 19x19 mm
h
1.63 mm
p
1.00 mm
CS196
f
IGLOO
p
s 8x8 mm
h
1.11 mm
p
0.50 mm
CS201
f
IGLOO PLUS
p
s 8x8 mm
h
0.89 mm
p
0.50 mm
CS281
f
IGLOO1
IGLOO PLUS
p
s 10x10 mm
h
1.05 mm
p
0.50 mm
CS288
f
SmartFusion
p
s 11x11 mm
h
1.05 mm
p
0.50 mm
CS289
f
IGLOO PLUS
p
s 14x14 mm
h
1.20 mm
p
0.80 mm
QN108
f
Fusion
p
s 8x8 mm
h
0.75 mm
p
0.50 mm
QN68
f
IGLOO
IGLOO nano
ProASIC3
ProASIC3 nano
p
s 8x8 mm
h
0.90 mm
p
0.40 mm
QN48
f
IGLOO
IGLOO nano
ProASIC3
ProASIC3 nano
p
s 6x6 mm
h
0.90 mm
p
0.40 mm
QN132
f
IGLOO
ProASIC3
p
s 8x8 mm
h
0.75 mm
p
0.50 mm
QN180
f
Fusion
p
s 10x10 mm
h
0.75 mm
p
0.50 mm
Key:
f – family bs – package body size excluding leads ps – overall package dimensions including package leads
h – package thickness p – pin pitch / ball pitch
Notes:
1 Includes Cortex-M1 devices.
2 FG256 and FG484 are footprint-compatible for ProASIC3 and ProASIC3E.
3 Pigeon Point devices are only offered in FG484 and FG256.
4 MicroBlade devices are only offered in FG256.


Similar Part No. - P1AFS15002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS1500 MICROSEMI-P1AFS1500 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256 MICROSEMI-P1AFS1500-1FG256 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256ES MICROSEMI-P1AFS1500-1FG256ES Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256I MICROSEMI-P1AFS1500-1FG256I Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256PP MICROSEMI-P1AFS1500-1FG256PP Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - P1AFS15002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
DS0128 MICROSEMI-DS0128 Datasheet
1Mb / 140P
   IGLOO2 FPGA and SmartFusion2 SoC FPGA
Revision 12.0
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Teccor Electronics
Q8008L5 TECCOR-Q8008L5 Datasheet
2Mb / 223P
   Thyristor Product Catalog
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com