Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS15002 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # P1AFS15002
Description  Terrestrial FPGA and SoC Product Catalog
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS15002 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button P1AFS15002 Datasheet HTML 2Page - Microsemi Corporation P1AFS15002 Datasheet HTML 3Page - Microsemi Corporation P1AFS15002 Datasheet HTML 4Page - Microsemi Corporation P1AFS15002 Datasheet HTML 5Page - Microsemi Corporation P1AFS15002 Datasheet HTML 6Page - Microsemi Corporation P1AFS15002 Datasheet HTML 7Page - Microsemi Corporation P1AFS15002 Datasheet HTML 8Page - Microsemi Corporation P1AFS15002 Datasheet HTML 9Page - Microsemi Corporation P1AFS15002 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6 www.microsemi.com/soc
Extended Temperature Fusion Devices
AFS600
AFS1500
Cortex-M1Devices
M1AFS600
M1AFS1500
System Gates
600,000
1,500,000
Tiles(D–flip–flops)
13,824
38,400
AES-Protected ISP
Yes
Yes
PLLs
2
2
Globals
18
18
FlashMemoryBlocks(2Mbits)
2
4
TotalFlashMemoryBits
4 M
8 M
FlashROMBits
1,024
1,024
RAMBlocks(4,608bits)
24
60
RAM(kbits)
108
270
Analog Quads
10
10
Analog Input Channels
30
30
Gate Driver Outputs
10
10
I/OBanks(+JTAG)
5
5
Maximum Digital I/Os
172
223
Analog I/Os
40
40
Package Pins
FG
FG256, FG484
FG256, FG484
Extended Temperature Fusion
Mixed signal integration at extended temperatures
Microsemi Fusion mixed signal FPGAs integrate configurable analog, large flash memory blocks, comprehensive clock generation and management circuitry and
high-performance, flash-based reprogrammable logic in a monolithic device. Innovative Fusion architecture can be used with Microsemi’s soft microcontroller (MCU)
core as well as the performance-maximized 32-bit ARM Cortex-M1 cores. Extended temperature Fusion devices operate at temperatures from 100ºC to as low
as -55ºC.
Extended Temperature Fusion Devices


Similar Part No. - P1AFS15002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS1500 MICROSEMI-P1AFS1500 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256 MICROSEMI-P1AFS1500-1FG256 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256ES MICROSEMI-P1AFS1500-1FG256ES Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256I MICROSEMI-P1AFS1500-1FG256I Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS1500-1FG256PP MICROSEMI-P1AFS1500-1FG256PP Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - P1AFS15002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
DS0128 MICROSEMI-DS0128 Datasheet
1Mb / 140P
   IGLOO2 FPGA and SmartFusion2 SoC FPGA
Revision 12.0
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Teccor Electronics
Q8008L5 TECCOR-Q8008L5 Datasheet
2Mb / 223P
   Thyristor Product Catalog
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com