Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS15002 Datasheet(PDF) 3 Page - Microsemi Corporation

Part No. P1AFS15002
Description  Terrestrial FPGA and SoC Product Catalog
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS15002 Datasheet(HTML) 3 Page - Microsemi Corporation

  P1AFS15002 Datasheet HTML 1Page - Microsemi Corporation P1AFS15002 Datasheet HTML 2Page - Microsemi Corporation P1AFS15002 Datasheet HTML 3Page - Microsemi Corporation P1AFS15002 Datasheet HTML 4Page - Microsemi Corporation P1AFS15002 Datasheet HTML 5Page - Microsemi Corporation P1AFS15002 Datasheet HTML 6Page - Microsemi Corporation P1AFS15002 Datasheet HTML 7Page - Microsemi Corporation P1AFS15002 Datasheet HTML 8Page - Microsemi Corporation P1AFS15002 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
www.microsemi.com/soc
Whether you’re designing at the board or system level,
Microsemi’s customizable System-on-Chip (cSoC) devices and low
power FPGAs are your best choice. The unique, flash-based technology of Microsemi FPGAs, coupled with their history of reliability,
sets them apart from traditional FPGAs.
Design for today’s rapidly growing markets of consumer and portable medical devices, or tomorrow’s environmentally friendly data
centers, industrial controls and military and commercial aircraft. Only Microsemi can meet the power, size, cost and reliability targets
that reduce time-to-market and enable long-term profitability.
Now, more than ever,
power matters.
Table of Contents
SmartFusion®
• Customizable System-on-Chip (cSoC)
4
Fusion
• Mixed Signal FPGAs
5
Extended Temperature Fusion
• Mixed Signal Integration Down to –55ºC
• Reprogrammable Digital Logic and Configurable Analog
• Embedded Flash Memory
6
IGLOO®/e
• Low Power
• Small Package Footprint
• High Logic Density
7
IGLOO nano
• Low Power
• Small Package Footprint
8
IGLOO PLUS
• Low Power
• Small Package Footprint
• High I/O-to-Logic Ratio
9
ProASIC®3/E
• High Logic Density
• High Performance
• Low Cost
10
ProASIC3 nano
• Small Package Footprint
• High Performance
• Low Cost
11
ProASIC3L
• Low Power
• High Logic Density
• High Performance
• Low Cost
12
Military ProASIC3/EL
• Unprecedented Low Power Consumption Across
the Full Military Temperature Range
• High-Density Fine-Pitch Ball Grid Packaging
• High Performance and Easy In-System Programming
13
Military ProASICPLUS®
• Industry’s First Military Screened Flash FPGA
• Full Processing to MIL-STD-883 Class B
• Established Heritage on Commercial and Military Aircraft
13
I/O Table
• I/O Counts
14
FPGA Packages
• Package Dimensions
16
Axcelerator®
18
SX-A
19
MX
20
Design Tools
• Design Environment for Microsemi Flash Devices
21
Development Kits
• Starter, Evaluation and Demonstration Kits
22
Programmers
• FlashPro3 and Silicon Sculptor 3 Programmers
26
Intellectual Property Cores
• Microsemi IP Cores
27
Please refer to www.microsemi.com/soc and appropriate product datasheets for the latest device information, valid ordering codes and more
information regarding previous generations of flash and antifuse FPGAs.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn