Electronic Components Datasheet Search |
|
P1AFS15002 Datasheet(PDF) 24 Page - Microsemi Corporation |
|
P1AFS15002 Datasheet(HTML) 24 Page - Microsemi Corporation |
24 / 27 page 25 www.microsemi.com/soc • Allowsuserstoevaluate the functionality of Microsemi’s Core1553BRMwithouthavingto createacompleteMIL-STD-1553B compliant system • FusionAdvancedDevelopmentKit with two 9 V power supplies • Core1553daughtercard • User’sguide,tutorialand design example • PCBschematics,layoutfiles andBOM • Purchasingthekitgivestheowner therighttotheprogrammingfile of the demo, but not an evaluation of the IP. The IP evaluation or purchase is quoted separately. • Boardfeatures - MIL-STD-1553B transceiver, two transformers and two concentric twinax connectors included on the Core1553 daughter board ~ MIL-STD-1553B concentric twinax connectors are center pin signal high and cylindrical contact signal low ~ Connectivity is MIL-C-49142 compliant ~ Evaluate and develop medium speed on-board data communications bus solutions for MIL-STD-1553B / UK DEF-STAN 00-18 (Pt.2) / NATO STANAG 3838 AVS / Avionic Standards Coordinating Committee Air-Std 50/2 - CAN bus interface support - Connector to ARINC 429 Daughter Board (CORE429-SA) Fusion Advanced Development Kit Core1553-SA Core1553 Development Kit Hardware Summary Ordering Code Description Price CORE1553-DEV-KIT Core1553 Development Kit $ 3,620 CORE1553-SA Core1553 daughter card $ 2,900 M1AFS-ADV-DEV-KIT-PWR M1AFS-ADV-DEV-KIT with two 9 V power packs $ 750 Family Ordering Code Name Device Price Power SmartFusion A2F-EVAL-KIT* SmartFusion Evaluation Kit A2F200M3F-FGG484 $ 99 USB SmartFusion A2F500-DEV-KIT SmartFusion Development Kit A2F500M3G-FGG484 $ 999 5 V SmartFusion MPM-DC-KIT MPM Daughter Card none $ 299 9 V SmartFusion MIXED-SIGNAL-DC Mixed Signal Daughter Card none $ 55 N/A Fusion M1AFS-EMBEDDED-KIT* Fusion Embedded Development Kit M1AFS1500-FGG484 $ 250 USB / 5 V Fusion AFS-EVAL-KIT Fusion Starter Kit AFS600-FG256 $ 500 9 V Fusion M1AFS-ADV-DEV-KIT-PWR Fusion Advanced Development Kit M1AFS1500-FGG484 $ 750 9 V IGLOO AGLN-NANO-KIT* IGLOO nano Starter Kit AGLN250V2-ZVQG100 $ 99 USB IGLOO AGL-ICICLE-KIT IGLOO Icicle Evaluation Kit AGL125V2-QNG132 $ 150 USB IGLOO AGLP-EVAL-KIT IGLOO PLUS Starter Kit AGLP125V2-CSG289 $ 299 5 V IGLOO M1AGL1000-DEV-KIT ARM Cortex-M1 IGLOO Development Kit M1AGL1000V2-FGG484 $ 550 5 V ProASIC3 A3PE-PROTO-KIT* ProASIC3 Starter Kit A3PE1500-PQ208 $ 665 9 V ProASIC3 M1A3PL-DEV-KIT ARM Cortex-M1 ProASIC3L Development Kit M1A3P1000L-FGG484 $ 550 5 V *Most recommended Kit for each product family Microsemi offers hardware choices for terrestrial products. Most popular kits are listed in the table and shown in further detail in this section. Full details of these kits can also be found online with user’s guides and accompanying tutorials. |
Similar Part No. - P1AFS15002 |
|
Similar Description - P1AFS15002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |