Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N4148-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTX1N4148-1
Description  Glass Axial Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N4148-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTX1N4148-1 Datasheet HTML 1Page - Microsemi Corporation JANTX1N4148-1 Datasheet HTML 2Page - Microsemi Corporation JANTX1N4148-1 Datasheet HTML 3Page - Microsemi Corporation JANTX1N4148-1 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T4-LDS-0281, Rev. 1 (121567)
©2012 Microsemi Corporation
Page 1 of 4
1N4148-1
Available on
commercial
versions
Glass Axial Switching Diode
Qualified per MIL-PRF-19500/116
Qualified Levels:
JAN, JANTX, and
JANTXV
DESCRIPTION
This popular 1N4148-1 JEDEC registered switching/signal diode features internal
metallurgical bonded construction for military grade products per MIL-PRF-19500/116. This
small low capacitance diode, with very fast switching speeds, is hermetically sealed and
bonded into a double-plug DO-35 package. It may be used in a variety of very high speed
applications including switchers, detectors, transient OR'ing, logic arrays, blocking, as well as
low-capacitance steering diodes, etc. Microsemi also offers a variety of other switching/signal
diodes.
DO-35 (DO-204AH)
Package
Also available in:
DO-213AA package
(surface mount)
1N4148UR-1
UB package
(surface mount)
1N4148UB
UB2 package
(2-Pin surface mount)
1N4148UB2
UBC package
(Ceramic Lid surface mount)
1N4148UBC
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Popular JEDEC registered 1N4148 number.
Hermetically sealed glass construction.
Metallurgically bonded.
Double plug construction.
Very low capacitance.
Very fast switching speeds with minimal reverse recovery times.
JAN, JANTX, and JANTXV qualifications are available per MIL-PRF-19500/116.
MSP screening is also available in reference to MIL-PRF-19500 (JANS).
(See part nomenclature for all available options.)
RoHS compliant version available (commercial grade only).
APPLICATIONS / BENEFITS
High frequency data lines.
Small size for high density mounting using flexible thru-hole leads (see package illustration).
RS-232 & RS–422 interface networks.
Ethernet 10 base T.
Low capacitance steering or blocking.
LAN.
Computers.
MAXIMUM RATINGS @ 25 ºC unless otherwise stated
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ & TSTG
-65 to +175
oC
Thermal Resistance Junction-to-Lead
(1)
RӨJL
250
oC/W
Thermal Resistance Junction-to-Ambient
(2)
RӨJA
325
oC/W
Maximum Breakdown Voltage
V(BR)
100
V
Working Peak Reverse Voltage
VRWM
75
V
Average Rectified Current @ TA = 75 ºC
(3)
IO
200
mA
Non-Repetitive Sinusoidal Surge Current (tp = 8.3 ms)
IFSM
2
A (pk)
NOTES: 1. Lead length = .375 inch (9.35 mm). See Figure 2 for thermal impedance curves.
2. TA = +75°C on printed circuit board (PCB), PCB = FR4 - .0625 inch (1.59 mm) 1-layer 1-Oz Cu,
horizontal, in still air; pads for axial = .092 inch (2.34 mm) diameter, strip = .030 inch (0.76 mm) x 1 inch
(25.4 mm) long, lead length L ≤ 0.187 inch (≤ 4.75 mm); RӨ
JA with a defined PCB thermal resistance
condition included, is measured at IO = 200 mA.
3. See Figure 1 for derating.


Similar Part No. - JANTX1N4148-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N4148UR-1 MICROSEMI-JANTX1N4148UR-1 Datasheet
50Kb / 2P
   SWITCHING DIODE
More results

Similar Description - JANTX1N4148-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N4148-1 MICROSEMI-JAN1N4148-1 Datasheet
325Kb / 4P
   Glass Axial Switching Diode
logo
Comchip Technology
1N5221B-G COMCHIP-1N5221B-G Datasheet
84Kb / 4P
   Axial Leaded Glass Zener Diode
logo
SeCoS Halbleitertechnol...
SCS133MT SECOS-SCS133MT_15 Datasheet
267Kb / 2P
   Hermetically Sealed Glass Switching Diode
SCS244MT SECOS-SCS244MT_15 Datasheet
203Kb / 2P
   Hermetically Sealed Glass Switching Diode
logo
SUNMATE electronic Co.,...
1N4148 SUNMATE-1N4148 Datasheet
78Kb / 2P
   150mA Axial Leaded Fast Switching Diode
1N4150 SUNMATE-1N4150 Datasheet
144Kb / 2P
   200mA Axial Leaded Fast Switching Diode
logo
SeCoS Halbleitertechnol...
SCS244MT SECOS-SCS244MT Datasheet
203Kb / 2P
   Hermetically Sealed Glass Switching Diode
SCS133MT SECOS-SCS133MT Datasheet
267Kb / 2P
   Hermetically Sealed Glass Switching Diode
logo
SUNMATE electronic Co.,...
1N4154 SUNMATE-1N4154 Datasheet
80Kb / 2P
   150mA Axial Leaded Fast Switching Diode
logo
Taiwan Semiconductor Co...
1S133M TSC-1S133M Datasheet
96Kb / 2P
   300mW Hermetically Sealed Glass Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com