Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLP36RGB2W3 Datasheet(PDF) 6 Page - Rohm

Part # SMLP36RGB2W3
Description  SMLP36 series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP36RGB2W3 Datasheet(HTML) 6 Page - Rohm

  SMLP36RGB2W3 Datasheet HTML 1Page - Rohm SMLP36RGB2W3 Datasheet HTML 2Page - Rohm SMLP36RGB2W3 Datasheet HTML 3Page - Rohm SMLP36RGB2W3 Datasheet HTML 4Page - Rohm SMLP36RGB2W3 Datasheet HTML 5Page - Rohm SMLP36RGB2W3 Datasheet HTML 6Page - Rohm SMLP36RGB2W3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SMLP36 series
5.EROSION GAS
Utilization in erosion gas atmosphere may degenerate the plating surface which might cause deterioration of
solder strength, optical characteristics, or functions.
Please take precautions against occurrence of gas from the surrounding parts on the occasion of custody,
and also after mounted on circuit board.
7.STORAGE
At reflow soldering, the reliability of this product is often influenced by moisture absorption;
so that we apply the package with moisture proof for better condition for use. Please also note that,
7-1) Package : Not to be opened before using.
7-2) After unpackaging : LEDs to be kept in our moisture proof package with some desiccant (SILICA GEL).
LEDs to be baked in case the SILICAGEL indicator changed its color from either blue to clear or green to pink.
7-3) Please use LEDs within 168 hours after the package is opened. (Condition at 30ºC, max.70%Rh.)
In case they are not used within 168 hours, please put them back into the package.
7-4) BAKING (=Moisture Removal)
Please conduct baking under “reel condition” at 60ºC, 12~24 hours (max.20%Rh) after unpackaging.
Please be careful not to give any stress to the reel & the embossed tape while baking, as they are susceptible
to be deformed during the baking.
7.LIFE TIME
Blue led die used in this product will cause reduction of luminous intensity due to epoxy resin discoloration
depending on the using conditions and environmental.
Please inquire our sales contact if long life time is required on your application.
6/6
2013.09 - Rev.F


Similar Part No. - SMLP36RGB2W3

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP36RGB2W ROHM-SMLP36RGB2W Datasheet
402Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
SMLP36RGB2WR ROHM-SMLP36RGB2WR Datasheet
402Kb / 11P
   The smallest class 3 color type LED in the world PICOLEDTM-RGB
More results

Similar Description - SMLP36RGB2W3

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com