Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS10-320C Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTVS10-320C
Description  PTVS10-xxxC Series High Current TVS Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS10-320C Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTVS10-320C Datasheet HTML 1Page - Bourns Electronic Solutions PTVS10-320C Datasheet HTML 2Page - Bourns Electronic Solutions PTVS10-320C Datasheet HTML 3Page - Bourns Electronic Solutions PTVS10-320C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
10 kA, 8/20 µs surge capability
Low clamping voltage under surge
Bidirectional TVS
UL Recognized
Applications
AC line protection
High power DC bus protection
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
PTVS10-xxxC Series High Current TVS Diodes
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and
RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can
and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Rating
Symbol
Value
Unit
Repetitive Standoff Voltage
PTVS10-058C
PTVS10-076C
PTVS10-170C
PTVS10-320C
PTVS10-380C
PTVS10-470C
VWM
58
76
170
320
380
470
V
Peak Current Rating per 8/20 µs IEC 61000-4-5
IPPM
10
kA
Operating Junction Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TS
-55 to +150
°C
Lead Temperature, Soldering (10 s)
260
°C
General Information
The PTVS10-xxxC range of high current bidirectional TVS diodes
is designed for use in AC line protection and high power DC bus
clamping applications. These devices offer bidirectional port
protection from 58 volts to 470 volts.
The devices are RoHS* and UL compliant while also meeting IEC
61000-4-5 8/20 µs current surge requirements.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ID Standby Current
VD = VWM
10
µA
V(BR) Breakdown Voltage
IBR = 10 mA
PTVS10-058C
PTVS10-076C
PTVS10-170C
PTVS10-320C
PTVS10-380C
PTVS10-470C
64
85
190
336
401
490
66
92
200
350
420
500
70
95
210
368
443
530
V
VC Clamping Voltage
IPP = 10 kA
PTVS10-058C
PTVS10-076C
PTVS10-170C
PTVS10-320C
PTVS10-380C
PTVS10-470C
120
150
250
440
520
620
130
160
300
500
570
680
V
V(BR) Temperature Coefficient
0.1
%/°C
C Capacitance
F = 10 kHz,
Vd = 1 Vrms
PTVS10-058C
PTVS10-076C
PTVS10-170C
PTVS10-320C
PTVS10-380C
PTVS10-470C
11.7
8.6
4.0
2.7
2.0
1.7
12.5
10.0
5.0
3.5
2.5
2.2
nF
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Agency Approval
Description
UL
File Number: E313168


Similar Part No. - PTVS10-320C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS10-320C BOURNS-PTVS10-320C Datasheet
269Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS10-320C BOURNS-PTVS10-320C Datasheet
264Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS10-320C-TH BOURNS-PTVS10-320C-TH Datasheet
351Kb / 3P
   High Voltage, High Current TVS Diodes
PTVS10-320C-TH BOURNS-PTVS10-320C-TH Datasheet
706Kb / 4P
   High Voltage, High Current TVS Diodes
REV. 11/15
More results

Similar Description - PTVS10-320C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS10-058C BOURNS-PTVS10-058C Datasheet
264Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS10 BOURNS-PTVS10 Datasheet
269Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS10-XXXC-SH BOURNS-PTVS10-XXXC-SH Datasheet
219Kb / 4P
   PTVS10-xxxC-SH Series High Current TVS Diodes
REV. 11/15
PTVS10-XXXC-M BOURNS-PTVS10-XXXC-M_V01 Datasheet
249Kb / 5P
   PTVS10-xxxC-M Series High Current TVS Diodes
REV. 01/20
PTVS10-XXXC-TH BOURNS-PTVS10-XXXC-TH Datasheet
194Kb / 4P
   PTVS10-xxxC-TH Series High Current TVS Diodes
REV. 11/15
PTVS3 BOURNS-PTVS3 Datasheet
271Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS6 BOURNS-PTVS6 Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS3-380C BOURNS-PTVS3-380C Datasheet
265Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS6-380C BOURNS-PTVS6-380C Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS6-058C BOURNS-PTVS6-058C Datasheet
293Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com