Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20045DN-18 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP20045DN-18
Description  Low Noise, 1A Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045DN-18 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP20045DN-18 Datasheet HTML 4Page - Monolithic Power Systems MP20045DN-18 Datasheet HTML 5Page - Monolithic Power Systems MP20045DN-18 Datasheet HTML 6Page - Monolithic Power Systems MP20045DN-18 Datasheet HTML 7Page - Monolithic Power Systems MP20045DN-18 Datasheet HTML 8Page - Monolithic Power Systems MP20045DN-18 Datasheet HTML 9Page - Monolithic Power Systems MP20045DN-18 Datasheet HTML 10Page - Monolithic Power Systems MP20045DN-18 Datasheet HTML 11Page - Monolithic Power Systems MP20045DN-18 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP20045 – LOWER NOISE, 1A LINEAR REGULATOR
MP20045 Rev. 1.0
www.MonolithicPower.com
8
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=3.3V, VOUT=2.8V, CIN=COUT=2.2µF, TA=25°C, unless otherwise noted
400us/div
100us/div
Line Transient
VIN=3.3V to 4.3V, IOUT=100mA,
with Resistor Load
Line Transient
VIN=3.3V to 4.3V, IOUT=1A,
with Resistor Load
Load Transient
IOUT=50mA to 1A,
with Resistor Load
40us/div
4us/div
400us/div
400ms/div
Over Current Protection
Entry
VIN
1V/div
IOUT
500mA/div
IOUT
500mA/div
VOUT
1V/div
VEN
5V/div
IOUT
500mA/div
VOUT
1V/div
VOUT (AC)
10mV/div
VOUT (AC)
10mV/div
VOUT (AC)
50mV/div
VIN
1V/div
VEN
5V/div
VOUT
2V/div
VIN
2V/div
IOUT
500mA/div
IOUT
500mA/div
VOUT
2V/div
VIN
2V/div
IOUT
500mA/div
VOUT
2V/div
VIN
2V/div
Input Power Start Up
IOUT=1A, with Resistor Load
EN Start Up
IOUT=1A, with Resistor Load
EN Shutdown
IOUT=1A, with Resistor Load
Input Power Shutdown
IOUT=1A, with Resistor Load
2ms/div
100ms/div
VOUT
500mV/div
PG
1V/div
40us/div
Power Good Status


Similar Part No. - MP20045DN-18

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20045DN MPS-MP20045DN Datasheet
137Kb / 5P
   Low Noise, 1A, Linear Regulator EV Board
More results

Similar Description - MP20045DN-18

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
logo
Monolithic Power System...
EV20045DN-00A MPS-EV20045DN-00A Datasheet
137Kb / 5P
   Low Noise, 1A, Linear Regulator EV Board
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
logo
Monolithic Power System...
EV20045DQ-00A MPS-EV20045DQ-00A Datasheet
528Kb / 5P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
logo
Monolithic Power System...
EVQ20051-Q-00A MPS-EVQ20051-Q-00A Datasheet
379Kb / 6P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DN-00A MPS-EV20051DN-00A Datasheet
181Kb / 4P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com