Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20045DN-15 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20045DN-15
Description  Low Noise, 1A Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045DN-15 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20045DN-15 Datasheet HTML 1Page - Monolithic Power Systems MP20045DN-15 Datasheet HTML 2Page - Monolithic Power Systems MP20045DN-15 Datasheet HTML 3Page - Monolithic Power Systems MP20045DN-15 Datasheet HTML 4Page - Monolithic Power Systems MP20045DN-15 Datasheet HTML 5Page - Monolithic Power Systems MP20045DN-15 Datasheet HTML 6Page - Monolithic Power Systems MP20045DN-15 Datasheet HTML 7Page - Monolithic Power Systems MP20045DN-15 Datasheet HTML 8Page - Monolithic Power Systems MP20045DN-15 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP20045
Low Noise, 1A
Linear Regulator
MP20045 Rev. 1.0
www.MonolithicPower.com
1
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP20045 is a low-dropout linear regulator
supplies up to 1A current with 140mV dropout
voltage. The output voltage is set externally
which ranges from 1.5V to 5V by operating from
+2.5V to +5.5V input or can be preset internally
from 1.5V to 5V.
An internal PMOS pass element is used to
allow a low 110µA ground current, making the
MP20045 suitable for battery-power devices.
Other features include low-power shutdown,
short-circuit
and
thermal
protection.
The
MP20045 is available in 8-pin QFN (3mm x
3mm) and SOIC8E packages.
FEATURES
• Up to 1A Output Current
• Low 140mV Dropout at 1A
• Low 110µA Ground Current
• Fixed Output Versions Ranging from 1.5V to
5V and Adjustable Versions
• Open Drain Power-Good Status Output
• 13µVRMS Low Noise Output
• 56dB PSRR at 1kHz
• Current Limiting and Thermal Protection
• 3mm×3mm QFN8 and SOIC8E Packages
APPLICATIONS
• Notebook Computers
• Cordless Telephones
• Cellular Phones
• Modems
• Hand-Held Instruments
• PDA and Palmtop Computers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP20045
COUT
2.2
VOUT
VIN
EN
FB
R3
100k
CIN
PG
MP20045
R1
R2
COUT
2.2
C3(Optional)
0.1nF
VOUT
VIN
EN
FB
R3
100k
CIN
PG
1
OUT
2
V
=
(1+
)Volts
R
1.5
R
×
Fixed Version
Adjustable Version


Similar Part No. - MP20045DN-15

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20045DN MPS-MP20045DN Datasheet
137Kb / 5P
   Low Noise, 1A, Linear Regulator EV Board
More results

Similar Description - MP20045DN-15

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
logo
Monolithic Power System...
EV20045DN-00A MPS-EV20045DN-00A Datasheet
137Kb / 5P
   Low Noise, 1A, Linear Regulator EV Board
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
logo
Monolithic Power System...
EV20045DQ-00A MPS-EV20045DQ-00A Datasheet
528Kb / 5P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
logo
Monolithic Power System...
EVQ20051-Q-00A MPS-EVQ20051-Q-00A Datasheet
379Kb / 6P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DN-00A MPS-EV20051DN-00A Datasheet
181Kb / 4P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com