Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20045DQ-25 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20045DQ-25
Description  Low Noise, 1A Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20045DQ-25 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20045DQ-25 Datasheet HTML 1Page - Monolithic Power Systems MP20045DQ-25 Datasheet HTML 2Page - Monolithic Power Systems MP20045DQ-25 Datasheet HTML 3Page - Monolithic Power Systems MP20045DQ-25 Datasheet HTML 4Page - Monolithic Power Systems MP20045DQ-25 Datasheet HTML 5Page - Monolithic Power Systems MP20045DQ-25 Datasheet HTML 6Page - Monolithic Power Systems MP20045DQ-25 Datasheet HTML 7Page - Monolithic Power Systems MP20045DQ-25 Datasheet HTML 8Page - Monolithic Power Systems MP20045DQ-25 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP20045 – LOWER NOISE, 1A LINEAR REGULATOR
MP20045 Rev. 1.0
www.MonolithicPower.com
5
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN DESCRIPTION
QFN8 (3X3)
Pin #
SOIC8E
Pin #
Name
Description
1, 2
7, 8
VIN
Regulator Input. Supply voltage ranges from +2.5V to 5.5V. Bypass with
2.2µF capacitor. These pins must be externally connected for proper
operation even if they are internally connected.
3, 4
1, 2
VOUT
Regulator output. Bypass with a 2.2µF low-ESR capacitor to GND.
Connect all the pin together externally.
5
3
FB
Feedback Input.
For the adjustable output version, connect FB to the center point of the
external resistor divider. The feedback threshold voltage is 1.5V.
For the fixed output version, connect FB to the output directly.
6
4
GND
Expose
d pad
Ground. Connect exposed pad to GND plane for optimal thermal
performance.
7
5
PG
Open-drain power-good (PG) output.
8
6
EN
Positive polarity enable (EN) input. Regulator Enable Control Input. Drive
EN above 1.5V to turn on the MP20045. Drive EN below 0.4V to turn it off.
Do not float the EN pin.


Similar Part No. - MP20045DQ-25

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20045DQ MPS-MP20045DQ Datasheet
528Kb / 5P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
More results

Similar Description - MP20045DQ-25

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
   1A Automotive Low-Noise LDO Linear Regulator
2020
logo
Monolithic Power System...
EV20045DN-00A MPS-EV20045DN-00A Datasheet
137Kb / 5P
   Low Noise, 1A, Linear Regulator EV Board
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
logo
Monolithic Power System...
EV20045DQ-00A MPS-EV20045DQ-00A Datasheet
528Kb / 5P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
logo
Monolithic Power System...
EVQ20051-Q-00A MPS-EVQ20051-Q-00A Datasheet
379Kb / 6P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DN-00A MPS-EV20051DN-00A Datasheet
181Kb / 4P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com