Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20041DGT-GC-LF-Z Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP20041DGT-GC-LF-Z
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20041DGT-GC-LF-Z Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP20041DGT-GC-LF-Z Datasheet HTML 3Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 4Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 5Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 6Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 7Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 8Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 9Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 10Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP20041-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20041 Rev. 1.0
www.MonolithicPower.com
9
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature difference between the
junction and ambient air, and the rate of airflow.
The power dissipation across the device can be
represented by the equation:
P = (VIN - VOUT) ×IOUT
The
allowable
power
dissipation
can
be
calculated using the following equation:
P(MAX) = (TJunction - TAmbient) / θJA
Where (TJunction - TAmbient) is the temperature
difference
between
the
junction
and
the
surrounding environment, θJA is the thermal
resistance from the junction to the ambient
environment. Connect the GND pin of MP20041
to ground using a large pad or ground plane
helps to channel heat away.
Input Capacitor Selection
Using a capacitor whose value is >0.47µF on the
MP20041 input and the amount of capacitance
can be increased without limit. Larger values will
help improve line transient response with the
drawback of increased size. Ceramic capacitors are
preferred, but tantalum capacitors may also suffice.
Output Capacitor Selection
The MP20041 is designed specifically to work
with very low ESR ceramic output capacitor in
space-saving and performance consideration. A
ceramic capacitor in the range of 0.47µF and
10µF, and with ESR lower than 1.2Ω is suitable
for the MP20041 application circuit. Output
capacitor of larger values will help to improve
load transient response and reduce noise with
the drawback of increased size.
0.1
1
10
100
0
50
100
150
200
250
300
OUTPUT CURRENT(MA)
Figure 2—Relationship between ESR and
LDO Stability
Reverse Current Path
The PMOS used in the MP20041 has an inherent
diode connected between input and output (see
Figure3). If VOUT - VIN is more than a diode-drop,
this diode gets forward biased and starts to
conduct. To avoid misoperation, an external
Schottky connected in parallel with the internal
parasitic diode prevents it from being turned on
by limiting the voltage drop across it to about
0.3V (see Figure 4).
VIN
VOUT
Figure 3—Inherent Diode Connected between
Each Regulator Input and Output
Figure 4—External Schottky Diode Connected
in Parallel with the Internal Parasitic Diode


Similar Part No. - MP20041DGT-GC-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-DD-LF-Z MPS-MP20042DG-DD-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-JG-LF-Z MPS-MP20042DG-JG-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-MG-LF-Z MPS-MP20042DG-MG-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
More results

Similar Description - MP20041DGT-GC-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
   Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com