Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20046DN-F Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20046DN-F
Description  Fast Transient Response, 2A Low Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20046DN-F Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20046DN-F Datasheet HTML 1Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 2Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 3Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 4Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 5Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 6Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 7Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 8Page - Monolithic Power Systems MP20046DN-F Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP20046 – FAST TRANSIENT RESPONSE, 2A, LOW DROPOUT VOLTAGE REGULATOR
MP20046 Rev. 1.1
www.MonolithicPower.com
4
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=(VOUT (TYP) +1V) or +2.7V, IOUT=1mA, VEN=0V, COUT=47µF, TJ =-40°C to +125°C, unless otherwise
noted. Typical values are at TA =+25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
1.5V
2.7V < VIN < 5.5V
1.485
1.5
1.515
1.8V
2.8V < VIN < 5.5V
1.782
1.8
1.818
2.5V
3.5V < VIN < 5.5V
2.475
2.5
2.525
Output Voltage
3.3V
VOUT
4.3V < VIN < 5.5V
3.267
3.3
3.333
V
Ground Pin Current
IGND
IOUT = 1mA to 2A
75
300
µA
Line Regulation
(5)
∆VOUT%/
VOUT
VOUT + 1V < VIN ≤ 5.5V
0.01
0.1
%/V
Load Regulation
(6)
∆VOUT
IOUT = 1mA to 2A
4
mV
Output Voltage Noise
10Hz to 30kHz,
VOUT=3.3V, COUT=100µF
17
µVRMS
IOUT=2A,,VOUT= 1.4V
300
470
IOUT=2A, VOUT= 1.7V
300
470
IOUT=2A, VOUT= 2.4V
280
420
Dropout Voltage
(7)
VDO
IOUT=2A,,VOUT= 3.2V
210
400
mV
Current Limit
ILIM
VOUT=0V
3.3
4.5
A
Standby Current
ISTBY
EN=VIN
1
10
µA
EN Input High Threshold
VIH
1.5
V
EN Input Low Threshold
VIL
0.4
V
Thermal Shutdown Temperature
TSD
+150
°C
Output Voltage AC PSRR
PSRR
F=100Hz, COUT=100µF,
IOUT=2A
70
dB
Minimum Input Voltage
for Valid PG
IOUT(PG)=300µA, V(PG) ≤ 0.8
V
1.6
V
Trip Threshold Voltage
VOUT decreasing
78
86
%VOUT
Hysteresis Voltage
Measured at VOUT
1.15
%VOUT
Output Low Voltage
IOUT(PG)=1mA
0.15
0.4
V
PG
Leakage Current
V(PG) = 5.5V
1
µA
EN=VIN
-1
1
µA
EN Input Current
EN=0V
-1
0
1
µA
Notes:
5) Line Regulation=
()
IN(MAX )
IN(MIN)
OUT V
OUT V
IN(MIN)
OUT(NOM)
IN MAX
VV
100(% / V)
VV
V
⎡⎤
⎣⎦
×
⎡⎤
−×
⎣⎦
6) Load Regulation=
OUT(MAX )
OUT(MIN)
OUT I
OUT I
VV
⎡⎤
⎣⎦
7) Ramp down input voltage till output voltage equals VOUT(NOM) – 0.1V


Similar Part No. - MP20046DN-F

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20046DN-F MPS-MP20046DN-F Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
More results

Similar Description - MP20046DN-F

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Texas Instruments
UC285-1 TI1-UC285-1_16 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com