Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20046 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20046
Description  Fast Transient Response, 2A Low Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20046 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20046 Datasheet HTML 1Page - Monolithic Power Systems MP20046 Datasheet HTML 2Page - Monolithic Power Systems MP20046 Datasheet HTML 3Page - Monolithic Power Systems MP20046 Datasheet HTML 4Page - Monolithic Power Systems MP20046 Datasheet HTML 5Page - Monolithic Power Systems MP20046 Datasheet HTML 6Page - Monolithic Power Systems MP20046 Datasheet HTML 7Page - Monolithic Power Systems MP20046 Datasheet HTML 8Page - Monolithic Power Systems MP20046 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP20046 – FAST TRANSIENT RESPONSE, 2A, LOW DROPOUT VOLTAGE REGULATOR
MP20046 Rev. 1.1
www.MonolithicPower.com
5
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8E
Pin #
QFN10
(3mm×3mm)
Pin #
Name
Description
1, 2
1, 2, 3
VOUT
Regulated output voltage
3
4
SENSE
Output sense
4
5
GND/
Exposed Pad
Ground. Connect exposed pad to GND plane for optimal thermal
performance
5
6
EN
Negative polarity enable (EN ) input
6
7
PG
Open-drain power-good (PG) output
7, 8
8, 9, 10
VIN
Input voltage


Similar Part No. - MP20046

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20046DN-F MPS-MP20046DN-F Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
MP20046DQ MPS-MP20046DQ Datasheet
194Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
More results

Similar Description - MP20046

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Texas Instruments
UC285-1 TI1-UC285-1_16 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38511-ADJ NSC-LP38511-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511-ADJ TI1-LP38511-ADJ_16 Datasheet
1Mb / 23P
[Old version datasheet]   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com