Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20042DG-MG-LF-Z Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP20042DG-MG-LF-Z
Description  Dual, Low Noise, High PSRR 200mA Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20042DG-MG-LF-Z Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP20042DG-MG-LF-Z Datasheet HTML 1Page - Monolithic Power Systems MP20042DG-MG-LF-Z Datasheet HTML 2Page - Monolithic Power Systems MP20042DG-MG-LF-Z Datasheet HTML 3Page - Monolithic Power Systems MP20042DG-MG-LF-Z Datasheet HTML 4Page - Monolithic Power Systems MP20042DG-MG-LF-Z Datasheet HTML 5Page - Monolithic Power Systems MP20042DG-MG-LF-Z Datasheet HTML 6Page - Monolithic Power Systems MP20042DG-MG-LF-Z Datasheet HTML 7Page - Monolithic Power Systems MP20042DG-MG-LF-Z Datasheet HTML 8Page - Monolithic Power Systems MP20042DG-MG-LF-Z Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MP20042-DUAL, LOW NOISE, HIGH PSRR, 200mA LINEAR REGULATOR
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP20042 Rev. 0.9
www.MonolithicPower.com
9
9/28/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PACKAGE INFORMATION
2mm x 2mm QFN8
TOP VIEW
1
8
54
BOTTOM VIEW
1.90
2.10
0.45
0.65
1.90
2.10
1.05
1.25
0.50
BSC
0.18
0.30
PIN 1 ID
MARKING
0.60
0.50
0.25
RECOMMENDED LAND PATTERN
1.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFORMS TO JEDEC MO-229, VARIATION VCCD-3.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
0.70
PIN 1 ID OPTION A
R0.20 TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
0.25
0.45
PIN 1 ID
INDEX AREA
SIDE VIEW
0.00
0.05
0.80
1.00
0.20 REF
1.20


Similar Part No. - MP20042DG-MG-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GB-LF-Z MPS-MP20041DGT-GB-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GC-LF-Z MPS-MP20041DGT-GC-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GJ-LF-Z MPS-MP20041DGT-GJ-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
More results

Similar Description - MP20042DG-MG-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
   Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
   20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com