Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20043 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP20043
Description  Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20043 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP20043 Datasheet HTML 1Page - Monolithic Power Systems MP20043 Datasheet HTML 2Page - Monolithic Power Systems MP20043 Datasheet HTML 3Page - Monolithic Power Systems MP20043 Datasheet HTML 4Page - Monolithic Power Systems MP20043 Datasheet HTML 5Page - Monolithic Power Systems MP20043 Datasheet HTML 6Page - Monolithic Power Systems MP20043 Datasheet HTML 7Page - Monolithic Power Systems MP20043 Datasheet HTML 8Page - Monolithic Power Systems MP20043 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP20043 –DUAL-CHANNEL, 300mA LDO WITH PROGRAMMABLE OUTPUT VOLTAGE
MP20043 Rev.1.0
www.MonolithicPower.com
2
1/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION*
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP20043DGT-A-LF-Z
4N
MP20043DGT-B-LF-Z
6X
MP20043DGT-C-LF-Z
3Z
MP20043DGT-D-LF-Z
4Z
MP20043DGT-J-LF-Z
MP20043DGT-E-LF-Z
TQFN8 (2mm×2mm)
AH
-40°C to +85°C
* Available options are identified by those with top marking. For other options, please contact factory to check availability.
ORDERING GUIDE**
MP20043DGT- -LF-Z
Output Voltage
A: Combination A
B: Combination B
C: Combination C
D: Combination D
J : Combination J
E : Combination E
Package Type
GT: TQFN (2mm x 2mm)
** For RoHS Compliant Packaging, add suffix - LF (e.g. MP20043DGT-
-LF);
For Tape and Reel, add suffix -Z (e.g. MP20043DGT-
-LF-Z).
PACKAGE REFERENCE
TOP VIEW
VIN
EN1
P2
P1
1
2
3
4
VOUT1
VOUT2
GND
EN2
8
7
6
5
ABSOLUTE MAXIMUM RATINGS (1)
Supply Input Voltage .................................... 6V
All Other Pins ............................................ 5.5V
Power Dissipation, PD @ TA =25°C,
(2)
TQFN-8L ................................................... 1.5W
Storage Temperature Range ..... -65°C to 150°C
Lead Temperature (Soldering, 10sec) .....260°C
ESD Susceptibility
HBM (Human Body Mode) .......................... 2kV
MM (Machine Mode) ................................. 200V
Recommended Operating Conditions
(3)
Supply Input Voltage......................2.5V to 5.5 V
Operating Junct. Temp (TJ)...... -40C to +125C
Thermal Resistance
(4)
θJA
θJC
TQFN 8L............................... 80
16
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.


Similar Part No. - MP20043

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GB-LF-Z MPS-MP20041DGT-GB-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GC-LF-Z MPS-MP20041DGT-GC-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GJ-LF-Z MPS-MP20041DGT-GJ-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
More results

Similar Description - MP20043

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20142 MPS-MP20142 Datasheet
385Kb / 13P
   Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
ACE Technology Co., LTD...
ACE515C ACE-ACE515C Datasheet
835Kb / 10P
   300mA High PSRR, Linear Regulator, w. Output Discharge
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8563 BELLING-BL8563_14 Datasheet
796Kb / 9P
   300mA High PSRR, Linear Regulator, w. Output Discharge
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Richtek Technology Corp...
RT9032 RICHTEK-RT9032 Datasheet
264Kb / 13P
   Programmable Dual Output Linear Regulator
logo
AiT Semiconductor Inc.
A6303 AITSEMI-A6303 Datasheet
616Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR, W. OUTPUT DISCHARGE
REV1.7
logo
Analog Intergrations Co...
AIC1737 AIC-AIC1737 Datasheet
72Kb / 5P
   LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
AiT Semiconductor Inc.
A6318A AITSEMI-A6318A Datasheet
787Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT PROGRAMMABLE OUTPUT
REV1.3
logo
Maxim Integrated Produc...
MAX17672CEVKIT MAXIM-MAX17672CEVKIT Datasheet
950Kb / 13P
   5V Buck Output Voltage and 1.8V Linear Regulator Output Voltage
Rev 1; 7/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com