Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP9361 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP9361
Description  High Performance Regulated Charge Pump
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9361 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP9361 Datasheet HTML 1Page - Monolithic Power Systems MP9361 Datasheet HTML 2Page - Monolithic Power Systems MP9361 Datasheet HTML 3Page - Monolithic Power Systems MP9361 Datasheet HTML 4Page - Monolithic Power Systems MP9361 Datasheet HTML 5Page - Monolithic Power Systems MP9361 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MP9361–HIGH PERFORMANCE REGULATED CHARGE PUMP
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP9361 Rev. 0.9
www.MonolithicPower.com
6
11/3/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSOT23-6
0.30
0.50
SEATING PLANE
0.95 BSC
0.84
0.90
1.00 MAX
0.00
0.10
TOP VIEW
FRONT VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
2.80
3.00
1.50
1.70
2.60
3.00
1
3
4
6
0.0
0.2
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FL
OR PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FOR
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION
6) DRAWING IS NOT TO SCALE.
7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK
LEFT TO RIGHT, (SEE EXAMPLE TOP MARK)
0.30
0.50
0o-8o
0.25 BSC
GAUGE PLANE
2
TY
1.20
TYP
0.95
BSC
0.60
TYP
SEE DETAIL "A"
DETAIL A
AAAA
PIN 1
See Note 7
EXAMPLE
TOP MARK


Similar Part No. - MP9361

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9361DJ MPS-MP9361DJ Datasheet
159Kb / 4P
   High Performance Regulated Charge Pump Evaluation Board
More results

Similar Description - MP9361

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9218 MPS-MP9218 Datasheet
345Kb / 8P
   High Performance Regulated Charge Pump
logo
Lowpower Semiconductor ...
LP3120 POWER-LP3120 Datasheet
255Kb / 5P
   High Performance Regulated Charge Pump
logo
Richtek Technology Corp...
RT9361A RICHTEK-RT9361A Datasheet
282Kb / 12P
   Tiny Package, High Performance, Regulated Charge Pump
logo
Monolithic Power System...
MPQ9361 MPS-MPQ9361 Datasheet
386Kb / 8P
   Industrial Grade, High Performance Regulated Charge Pump
EV9361DJ-00A MPS-EV9361DJ-00A Datasheet
159Kb / 4P
   High Performance Regulated Charge Pump Evaluation Board
logo
Richtek Technology Corp...
RT9394 RICHTEK-RT9394 Datasheet
210Kb / 13P
   Tiny Package, High Performance, Regulated Charge Pump
May 2022
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
   Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com