Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5406N Datasheet(PDF) 8 Page - Texas Instruments

Part # PT5406N
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5406N Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT5406N Datasheet HTML 4Page - Texas Instruments PT5406N Datasheet HTML 5Page - Texas Instruments PT5406N Datasheet HTML 6Page - Texas Instruments PT5406N Datasheet HTML 7Page - Texas Instruments PT5406N Datasheet HTML 8Page - Texas Instruments PT5406N Datasheet HTML 9Page - Texas Instruments PT5406N Datasheet HTML 10Page - Texas Instruments PT5406N Datasheet HTML 11Page - Texas Instruments PT5406N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
Using the Inhibit Control of the PT5400
SWIFT™
Series of Power Modules
For applications requiring output voltage On/Off control,
the PT5400 series of SWIFT power modules incorporate
an inhibit function. This function can be used wherever
there is a requirement for the module to be switched
off. The On/Off function is provided by the Inhibit
(pin 1) control.
The ISR functions normally with Pin 1 open-circuit,
providing a regulated output whenever a valid source
voltage is applied to Vin, (pin 2). When a low-level2
ground signal is applied to pin 1, the regulator output
will be disabled.
Figure 3-1 shows an application schematic, which details
the typical use of the Inhibit function. Note the discrete
transistor (Q1). The Inhibit control has its own internal
pull-up to +Vin potential. An open-collector or open-drain
device is required to control this input 1. The Inhibit pin
control thresholds are given in Table 3-1.
Table 3-1; Inhibit Control Requirements
Parameter
Min
Max
Enable (VIH)Vin – 0.5
Open
Disable (VIL)
–0.2V
+0.5V
Notes:
1. Use an open-collector device (preferably a discrete
transistor) for the Inhibit input. A pull-up resistor is not
necessary. To disable the output voltage, the control pin
should be pulled low to less than +0.5VDC.
Figure 3-1
Turn-On Time:
In the circuit of Figure 3-1, turning Q1
on applies a low-voltage to the Inhibit control (pin 1)
and disables the regulator output. Correspondingly,
turning Q1 off allows the ISR to execute a soft-start
power up. The soft-start power up consists of a short
delay, td, followed by a period, t(SS), in which the output
voltage rises from zero to its full regulation voltage.
(See the section on Soft-Start Power Up). The module
produces a fully regulated output voltage within 25msec.
Figure 3-2 shows the typical rise in both output voltage
and input current for a PT5404 (1.8V), following the
turn-off of Q1. The turn off of Q1 corresponds to the
drop in the Q1 Vgs waveform. The time periods, td and
t(SS), are indicated. The waveforms were measured with
a 5Vdc input voltage, and 0.7-
Ω resistive load.
Figure 3-2
C
1
100
µF
+V
O
COM
+V
IN
COM
Inhibit
Q1
BSS138
PT5401
2
13
4
Vi n
Vo
GND
INH
t (SS)
d
t
Vout (1V/Div)
Iin (0.5A/Div)
HORIZ SCALE: 5ms/Div
Q1 Vgs (10V/Div)
PT5400 Series


Similar Part No. - PT5406N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5406 TI-PT5406 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406 TI-PT5406 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
More results

Similar Description - PT5406N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5401C TI-PT5401C Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com