Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEHR33A222KA3B Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # DEHR33A222KA3B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEHR33A222KA3B Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button DEHR33A222KA3B Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
C85E.pdf
Jul.13,2011
DEJ Series (Which Meet Japanese Law) Specifications and Test Methods
Continued from the preceding page.
Char.
Specifications
D.F.
V5.0%
D.F.
V7.5%
E
F
Char.
Capacitance Change
Within
±20%
Within
±30%
E
F
Continued on the following page.
*
1 "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
The capacitor should be subjected to 40
±2˚C, relative humidity
of 90 to 98% for 8 hrs., and then removed in room temperature
for 16 hrs. until 5 cycles are completed.
Pre-treatment:
Capacitor should be stored at 85
±2˚C for 1 hr., then placed at
room condition*
1 for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
1
15
Humidity
Insulation
Appearance
No marked defect
I.R.
1000M
Ω min.
D.F.
Capacitance
Change
Dielectric
Strength
Per Item 6
Char.
Specifications
D.F.
V5.0%
D.F.
V7.5%
E
F
Char.
Capacitance Change
Within
±20%
Within
±30%
E
F
Char.
Specifications
D.F.
V2.5%
D.F.
V5.0%
E
F
Set the capacitor for 500
±12 hrs. at 40±2˚C in 90 to 95%
relative humidity.
Pre-treatment:
Capacitor should be stored at 85
±2˚C for 1 hr., then placed at
room condition*
1 for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
1
14
Humidity
(Under
Steady
State)
Appearance
No marked defect
I.R.
1000M
Ω min.
D.F.
Capacitance
Change
Dielectric
Strength
Per Item 6
The capacitor should be immersed into a isopropyl alcohol for
30
±5 sec.
13
Solvent
Resistance
Appearance
No marked defect
The capacitor should be firmly soldered to the supporting lead
wire and vibrated at a frequency range of 10 to 55Hz, 1.5mm in
total amplitude, with about a 1-minute rate of vibration change
from 10Hz to 55Hz and back to 10Hz.
Apply for a total of 6 hrs., 2 hrs. each in 3 mutually perpendicular
directions.
12
Vibration
Resistance
Appearance
No marked defect
Capacitance
Within the specified tolerance
D.F.
First the capacitor should be
stored at 120+0/-5
°C for
60+0/-5 sec.
Then, as in the figure, the lead
wires should be immersed in
solder of 260+0/-5
°C up to 1.5 to
2.0mm from the root of terminal
for 7.5+0/-1 sec.
Pre-treatment:
Capacitor should be stored at 85
±2˚C for 1 hr., then placed at
room condition*
1 for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 4 to 24 hrs. at
room condition.*
1
11
Soldering
Effect
(On-Preheat)
Appearance
No marked defect
I.R.
1000M
Ω min.
Dielectric
Strength
Per Item 6
As shown in the figure, the lead
wires should be immersed in
solder of 350
±10˚C up to 1.5 to
2.0mm from the root of terminal for
3.5
±0.5 sec.
Pre-treatment:
Capacitor should be stored at 85
±2˚C for 1 hr., then placed at
room condition*
1 for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 4 to 24 hrs. at room
condition.*
1
10
Soldering
Effect
(Non-Preheat)
Appearance
No marked defect
I.R.
1000M
Ω min.
Dielectric
Strength
Per Item 6
No.
Test Method
Specifications
Item
,,,,,,,,,,
,,,,,,,,,,
,,
,,
,,
,,,,
,,,,,,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
,,,,,,,,,,
,,,,,,,,,,
,,
,,
,,
,,
,,,,
,,,,,,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
DEJ Series Specifications and Test Methods
19
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DEHR33A222KA3B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEHR33A471KA2B MURATA-DEHR33A471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A471KB2B MURATA-DEHR33A471KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DEHR33A222KA3B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com