Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEHR33A222KA3B Datasheet(PDF) 44 Page - Murata Manufacturing Co., Ltd.

Part # DEHR33A222KA3B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEHR33A222KA3B Datasheet(HTML) 44 Page - Murata Manufacturing Co., Ltd.

Back Button DEHR33A222KA3B Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. DEHR33A222KA3B Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
C85E.pdf
Jul.13,2011
DEA Series (125
°C Guaranteed / Class1 / DC1kV-3.15kV) Specifications and Test Methods
No.
1
Item
Operating Temperature Range
Specifications
-25 to +125°C
Test Method
2
Appearance and Dimensions
No visible defect, and dimensions are
within specified range.
To be easily legible
The capacitor should be visually inspected for evidence of
defect. Dimensions should be measured with slide calipers.
3
Marking
The capacitor should be visually inspected.
4
Dielectric
Strength
Between Lead
Wires
Body Insulation
No failure
No failure
The capacitor should not be damaged when DC voltage of
200% of the rated voltage is applied between the lead wires for
1 to 5 sec. (Charge/Discharge current
V50mA)
The capacitor is placed in the container with
metal balls of diameter 1mm so that each
lead wire, short circuited, is kept about 2mm
off the metal balls as shown in the figure at
right, and AC1250V(r.m.s.) <50/60Hz> is
applied for 1 to 5 sec. between capacitor
lead wires and metal balls.
(Charge/Discharge current
V50mA)
5
Insulation
Resistance (I.R.)
The insulation resistance should be measured with
DC500±50V within 60±5 sec. of charging.
About 2mm
Metal balls
7
Q
Between Lead
Wires
10000M
Ω min.
6
Capacitance
The capacitance should be measured at 20°C with 1±0.2MHz
and AC5V(r.m.s.) max.
Within specified tolerance
400+20C*2min. (30pF under)
1000 min. (30pF min.)
+350 to -1000ppm/°C
(Temp. range: +20 to +85°C)
The Q should be measured at 20°C with 1±0.2MHz and
AC5V(r.m.s.) max.
8
Temperature Characteristics
The capacitance measurement should be made at each step
specified in the Table.
9
Strength of Lead
Pull
Lead wire should not be cut off.
Capacitor should not be broken.
As shown in the figure at right, fix the body of
the capacitor and apply a tensile weight
gradually to each lead wire in the radial
direction of the capacitor up to 10N (5N for
lead diameter 0.5mm), and keep it for 10±1
sec.
Bending
Each lead wire should be subjected to 5N (2.5N for lead
diameter 0.5mm) of weight and bent 90° at the point of egress,
in one direction, then returned to its original position and bent
90° in the opposite direction at the rate of one bend in 2 to 3
sec.
10
Vibration
Resistance
Appearance
No marked defect
The capacitor should be firmly soldered to the supporting lead
wire and vibrated at a frequency range of 10 to 55Hz, 1.5mm in
total amplitude, with about a 1-minute rate of vibration change
from 10Hz to 55Hz and back to 10Hz. Apply for a total of 6 hrs.,
2 hrs. each in 3 mutually perpendicular directions.
11
Solderability of Leads
Lead wire should be soldered with
uniform coating on the axial direction
over 3/4 of the circumferential direction.
The lead wire of a capacitor should be dipped into a ethanol
solution of 25wt% rosin and then into molten solder for 2±0.5
sec. In both cases the depth of dipping is up to about 1.5 to
2mm from the root of lead wires.
Temp. of solder: Lead Free Solder (Sn-3Ag-0.5Cu) 245±5°C
H63 Eutectic Solder 235±5°C
Capacitance
Within specified tolerance
Q
400+20C*2min. (30pF under)
1000 min. (30pF min.)
Continued on the following page.
Temp. (°C)
2
3
4
5
20±2
-25±3
20±2
85±2
20±2
Step
1
W
*1 "Room condition" Temperature: 15 to 35°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
*2 "C" expresses nominal capacitance value (pF).
12
Soldering Effect
(Non-Preheat)
Appearance
Capacitance
Change
Dielectric Strength
(Between Lead
Wires)
No marked defect
Within ±2.5%
Per item 4.
The lead wire should be immersed into the melted solder of
350±10°C (Body of ø5mm and under: 270±5°C) up to about 1.5
to 2mm from the main body for 3.5±0.5 sec.
(Body of ø5mm and under: 5±0.5 sec.)
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*1
DEA Series Specifications and Test Methods
42
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DEHR33A222KA3B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
DEHR33A471KA2B MURATA-DEHR33A471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A471KB2B MURATA-DEHR33A471KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DEHR33A222KA3B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com