Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG0603MLA-14KE Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CG0603MLA-14KE
Description  ChipGuard MLA Series Varistor ESD Clamp Protectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CG0603MLA-14KE Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CG0603MLA-14KE Datasheet HTML 1Page - Bourns Electronic Solutions CG0603MLA-14KE Datasheet HTML 2Page - Bourns Electronic Solutions CG0603MLA-14KE Datasheet HTML 3Page - Bourns Electronic Solutions CG0603MLA-14KE Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CG0402MLA
CG0603MLA
Dimension
Series
Series
L
1.00 ± 0.15
1.60 ± 0.20
(0.04 ± 0.006)
(0.064 ± 0.008)
W
0.50 ± 0.10
0.80 ± 0.20
(0.02 ± 0.004)
(0.032 ± 0.008)
A
0.50 ± 0.10
0.80 ± 0.20
(0.02 ± 0.004)
(0.032 ± 0.008)
B
0.25 ± 0.15
0.30 ± 0.20
(0.10 ± 0.006)
(0.012 ± 0.008)
DIMENSIONS:
MM
(INCHES)
Recommended Pad Layout
Solder Reflow Recommendations
110 sec. (min.)
300
250
200
150
100
50
0
30-70
sec.
120 sec. (min.)
Preheat Stages 1-3
Soldering
Cooling
Time (seconds)
This product can be damaged by rapid heating, cooling or localized heating.
Heat shocks should be avoided. Preheating and gradual cooling recommended.
Excessive solder can damage the device. Print solder thickness of 150 to 200 um recommended.
Solder gun tip temperature should be kept below 280 °C and should not touch the device directly. Contact should be less than 3 seconds.
A solder gun under 30 watts is recommended.
A
Stage 1 Preheat
Ambient to Preheating
30 s to 60 s
Temperature
B
Stage 2 Preheat
140 °C to 160 °C
60 s to 120 s
C
Stage 3 Preheat
Preheat to 200 °C
20 s to 40 s
D
Main Heating
200 °C
60 s to 70 s
210 °C
55 s to 65 s
220 °C
50 s to 60 s
230 °C
40 s to 50 s
240 °C
30 s to 40 s
E
Cooling
200 °C to 100 °C
1 °C/s to 4 °C/s
CG0402MLA
CG0603MLA
Dim.
Series
Series
A
0.51
0.76
(0.020)
(0.030)
B
0.61
1.02
(0.024)
(0.040)
C
0.51
0.50
(0.020)
(0.020)
D
1.70
2.54
(0.067)
(0.100)
L
W
B
A
A
C
B
D
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
ChipGuard® MLA Series Varistor ESD Clamp Protectors
Product Dimensions


Similar Part No. - CG0603MLA-14KE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0603MLA-14KE BOURNS-CG0603MLA-14KE Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
More results

Similar Description - CG0603MLA-14KE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
CG0402MLD-12G BOURNS-CG0402MLD-12G_13 Datasheet
182Kb / 3P
   ChipGuard MLD Series Varistor ESD Clamp Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G_13 Datasheet
186Kb / 3P
   ChipGuard MLE Series Varistor ESD Clamp Protectors
CGA0603MLA-16150E BOURNS-CGA0603MLA-16150E Datasheet
673Kb / 3P
   Automotive MLA Series Varistor ESD Clamp Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
205Kb / 2P
   MLC Series Varistor ESD Clamp Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G Datasheet
254Kb / 3P
   MLE Series Varistor ESD Clamp Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
   ChipGuard MLC Series - ESD Protectors
CG0402MLD-12G BOURNS-CG0402MLD-12G Datasheet
148Kb / 3P
   Chip Guard짰 MLD Series Varistor ESD Clamp Protectors
logo
Littelfuse
V30MLA1210NH LITTELFUSE-V30MLA1210NH Datasheet
875Kb / 8P
   MLA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com