Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG0603MLA-5.5ME Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CG0603MLA-5.5ME
Description  ChipGuard MLA Series Varistor ESD Clamp Protectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CG0603MLA-5.5ME Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CG0603MLA-5.5ME Datasheet HTML 1Page - Bourns Electronic Solutions CG0603MLA-5.5ME Datasheet HTML 2Page - Bourns Electronic Solutions CG0603MLA-5.5ME Datasheet HTML 3Page - Bourns Electronic Solutions CG0603MLA-5.5ME Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
ChipGuard® MLA Series Varistor ESD Clamp Protectors
Packaging Dimensions
TOP
TAPE
NOTES: TAPE MATERIAL IS PAPER.
COVER TAPE ADHESION IS 40
± 15 GRAMS.
TAPE THICKNESS IS
4.00
± 0.10
(0.16
± 0.004)
D
G
8.00
± 0.30
(0.32
± 0.012)
0.48
± 0.03
(0.019
± 0.0012)
3.50
± 0.05
(0.14
± 0.002)
C
L
W
1.50
± 0.10
(0.06
± 0.004)
2.0 ± 0.50
(0.08 ± 0.02)
180.8 ± 2.0
(7.12 ± 0.08)
9.0 ± 0.50
(0.36 ± 0.02)
13.0 ± 1.0
(0.52 ± 0.04)
13.0 ± 0.50
(0.52 ± 0.02)
62.0 ± 1.50
(2.48 ± 0.06)
21.0 ± 0.80
(0.84 ± 0.032)
DIMENSIONS:
MM
(INCHES)
REV. L 09/12
CG0402MLA
CG0603MLA
Dimension
Series
Series
C
1.75 ± 0.05
1.75 ± 0.10
(0.04 ± 0.002)
(0.04 ± 0.004)
D
2.00 ± 0.02
2.00 ± 0.05
(0.08 ± 0.0008)
(0.08 ± 0.002)
L
1.19 ± 0.05
1.80 ± 0.20
(0.047 ± 0.002)
(0.072 ± 0.008)
W
0.69 ± 0.05
0.90 ± 0.20
(0.027 ± 0.002)
(0.036 ± 0.008)
G
2.0 ± 0.05
4.0 ± 0.05
(0.08 ± 0.002)
(0.16 ± 0.002)


Similar Part No. - CG0603MLA-5.5ME

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0603MLA-5.5ME BOURNS-CG0603MLA-5.5ME Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
More results

Similar Description - CG0603MLA-5.5ME

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
CG0402MLD-12G BOURNS-CG0402MLD-12G_13 Datasheet
182Kb / 3P
   ChipGuard MLD Series Varistor ESD Clamp Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G_13 Datasheet
186Kb / 3P
   ChipGuard MLE Series Varistor ESD Clamp Protectors
CGA0603MLA-16150E BOURNS-CGA0603MLA-16150E Datasheet
673Kb / 3P
   Automotive MLA Series Varistor ESD Clamp Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
205Kb / 2P
   MLC Series Varistor ESD Clamp Protectors
CG0402MLE-18G BOURNS-CG0402MLE-18G Datasheet
254Kb / 3P
   MLE Series Varistor ESD Clamp Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
   ChipGuard MLC Series - ESD Protectors
CG0402MLD-12G BOURNS-CG0402MLD-12G Datasheet
148Kb / 3P
   Chip Guard짰 MLD Series Varistor ESD Clamp Protectors
logo
Littelfuse
V30MLA1210NH LITTELFUSE-V30MLA1210NH Datasheet
875Kb / 8P
   MLA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com