Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6654R Datasheet(PDF) 10 Page - Texas Instruments

Part # PT6654R
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6654R Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT6654R Datasheet HTML 6Page - Texas Instruments PT6654R Datasheet HTML 7Page - Texas Instruments PT6654R Datasheet HTML 8Page - Texas Instruments PT6654R Datasheet HTML 9Page - Texas Instruments PT6654R Datasheet HTML 10Page - Texas Instruments PT6654R Datasheet HTML 11Page - Texas Instruments PT6654R Datasheet HTML 12Page - Texas Instruments PT6654R Datasheet HTML 13Page - Texas Instruments PT6654R Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MECHANICAL DATA
MPSI013 – MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
EEA (R–PSIP–T14)
PLASTIC SINGLE-IN-LINE MODULE
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C. 2-place decimals are
D. 3-place decimals are
E. Recommended mechanical keep-out area.
F. No copper, power or signal traces in this area.
G. D-suffix parts include a metal heat spreader.
No signal traces are allowed under the heat spreader area.
A solid copper island is recommended, which may be
grounded.
A-suffix does not include a metal heat spreader.
" 0.030 (" 0, 76 mm).
" 0.010 (" 0, 25 mm).
1
1
1.71 (43,43) MAX.
(9,65)
0.38
0.59
(14,98)
MAX.
1.22 (30,98)
0.100 (2,54) TYP.
0.017 (0,43) TYP.
0.205 (5,20)
Note E
Note G
(10,66)
0.42
MAX.
0.017 (0,43)
TYP.
PC Layout
Plated through
0.100 (2,54) 13 Places
ø0.035 (0,88) MIN. 14 Places
0.040 (1,01)
MIN.
0.140 (3,55)
1.42 (36,06)
1.77 (44,95)
Note F
0.040
1.31
(33,27)
0.235 (5,96)
(1,77)
0.07
(1,01)
0.20 (5,08)
(4,44)
0.175
4202005/A 02/01
(13,20)
0.52
0.012 (0,30)
0.018 (0,45)


Similar Part No. - PT6654R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6654 TI-PT6654 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6654 TI1-PT6654 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6654R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com