Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6654P Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6654P
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6654P Datasheet(HTML) 4 Page - Texas Instruments

  PT6654P Datasheet HTML 1Page - Texas Instruments PT6654P Datasheet HTML 2Page - Texas Instruments PT6654P Datasheet HTML 3Page - Texas Instruments PT6654P Datasheet HTML 4Page - Texas Instruments PT6654P Datasheet HTML 5Page - Texas Instruments PT6654P Datasheet HTML 6Page - Texas Instruments PT6654P Datasheet HTML 7Page - Texas Instruments PT6654P Datasheet HTML 8Page - Texas Instruments PT6654P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
PT6650 Series
Table 1-1: Input/Output Capacitors
Notes:
[1]
N/R –Not recommended. The voltage rating does not meet the minimum operating limits.
[2]
A fused input bus is recommended when tantalum capacitors are used on the output bus.
Capacitor Recommendations for the
PT6650 Regulator Series
Input Capacitor:
The required input capacitor is determined by 560 µF
capacitance value, and a minimum ripple current rating of
1.2 Arms. The ripple current rating and less than 120 m
equivalent series resistance (ESR) are the major consid-
erations, along with operating temperature, when selecting
input capacitors.
Tantalum/Os-Con capacitors are not recommended due
to a minimum voltage rating of 2
× (the max. DC voltage
+ AC ripple). This is standard practice to ensure reliability.
Output Capacitors:
The ESR specification of the output capacitor should be
a minimum of 50 m
*. Electrolytic capacitors have
marginal ripple performance at frequencies greater than
400 kHz but excellent low frequency transient response.
Above the ripple frequency ceramic capacitors are
necessary to improve the transient response and reduce
any high-frequency noise components apparent during
higher current excursions. Electrolytic capacitors with
appropriate ESR values are identified in Table 1-1. In low-
temperature applications (<0 °C), a higher capacitance
with lower ESR will improve performance.
* Os-Con and ultra low ESR type capacitors are not recom-
mended on the output bus as they degrade regulator stability.
Tantalum Capacitors (For Vo <5.1 V)
Tantalum type capacitors can be used on the output bus for
output voltages less than 5.1 V. Voltages higher than this
will exceed the capacitor’s published surge voltage limits.
If tantalum capacitors are located on the output bus, an
appropriate fuse with I2t current derating is recommended
along with an external clamp component. An Output
Over-voltage Clamp (OOVC) will fault the output fuse
to protect the capacitors in event of an over-voltage con-
dition. The OOVC can be a simple zener high power
diode, 3 W to 5 W, located on the load side of the output
bus. The zener diode should be rated to 1.3 times the
normal output voltage.
Capacitor Table
Table 1-1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple
current (rms) ratings. The number of capacitors required
at both the input and output buses is identified for each
capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100 kHz) are critical param-
eters necessary to insure both optimum regulator performance
and long capacitor life.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
l
p
p
i
R
.
x
a
M
C
°
5
8
@
t
n
e
r
r
u
C
)
s
m
r
I
(
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
T
M
S
(
K
F
/
C
F
V
0
5
V
0
5
V
0
5
V
3
6
V
5
3
V
0
5
0
6
5
0
9
3
0
9
3
0
8
6
0
3
3
0
0
0
1
8
6
0
.
0
0
8
0
.
0
0
8
0
.
0
0
8
0
0
0
8
0
.
0
3
7
0
.
0
A
m
0
0
9
1
A
m
0
1
6
1
A
m
0
1
6
1
A
m
0
9
6
1
A
m
0
5
8
A
m
0
1
6
1
8
1
× 5
1
6
1
× 5
1
6
1
× 5
1
8
1
× 5
.
6
1
0
1
× 2
.
0
1
6
1
× 5
.
6
1
1
2
2
1
R
/
N
]
1
[
1
1
1
1
1
1
1
1
6
5
H
1
C
F
U
E
E
S
1
9
3
H
1
C
F
U
E
E
S
1
9
3
H
1
C
F
U
E
E
M
1
8
6
J
1
K
F
V
E
E
P
1
3
3
V
1
K
F
V
E
E
M
2
0
1
H
1
K
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
s
e
i
r
e
S
V
X
L
/
Z
X
L
)
T
M
S
(
Y
V
M
V
0
5
V
5
3
V
5
3
0
8
6
0
3
3
0
2
2
8
4
0
.
0
8
6
0
.
0
0
5
1
.
0
A
m
0
4
8
1
A
m
0
5
0
1
A
m
0
7
6
6
1
× 0
2
0
1
× 6
1
0
1
× 3
.
0
1
1
R
/
N
]
1
[
R
/
N
]
1
[
1
1
2
L
L
0
2
X
6
1
M
1
8
6
B
V
0
5
Z
X
L
L
L
6
1
X
0
1
M
1
3
3
B
V
5
3
V
X
L
P
T
0
1
X
0
1
M
1
1
2
2
C
V
5
3
Y
V
M
n
o
c
i
h
c
i
N
s
e
i
r
e
S
M
P
V
0
5
V
3
6
V
0
5
0
6
5
0
6
5
0
3
3
4
4
0
.
0
9
3
0
.
0
0
6
0
.
0
A
m
0
5
5
1
A
m
0
0
4
1
A
m
0
1
2
1
6
1
× 0
2
8
1
× 0
2
6
1
× 5
1
1
1
2
1
1
1
6
H
H
M
1
6
5
H
1
M
P
U
6
H
H
M
1
6
5
J
1
M
P
U
6
H
H
M
1
3
3
H
1
M
P
U
m
u
l
a
t
n
a
T
X
V
A
)
T
M
S
(
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
0
1
.
0
6
0
.
0
A
m
0
0
5
2
>
A
m
0
0
0
3
>
L
3
.
7
× W
7
.
5
× H
1
.
4
R
/
N
]
1
[
R
/
N
]
1
[
1 ]
2
[
1 ]
2
[
0
0
1
0
R
0
1
0
M
7
3
3
E
S
P
TV
( o
)
V
1
.
5
<
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
TV
( o
)
V
1
.
5
<
m
u
l
a
t
n
a
T
t
e
m
e
K
s
e
i
r
e
S
5
9
4
T
/
6
9
4
T
()
T
M
S
V
0
1
V
0
1
0
2
2
0
2
2
0
0
5
.
0
0
7
0
.
0
A
m
0
0
5
A
m
0
0
0
2
>
W
3
.
4
× L
3
.
7
× H
0
.
4
R
/
N
]
1
[
R
/
N
]
1
[
2 ]
2
[
2 ]
2
[
S
A
0
1
0
M
7
2
2
X
6
9
4
TV
( o
)
V
1
.
5
<
S
A
0
0
1
0
M
7
2
2
X
5
9
4
TV
( o
)
V
1
.
5
<
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
s
e
i
r
e
S
D
4
9
5
(T
M
S)
V
0
10
3
30
3
1
.
0
A
m
3
9
3
1L
2
.
7
× W
6
× H
1
.
4
R
/
N
]
1
[
1 ]
2
[
T
2
R
0
1
0
0
X
7
3
3
D
5
9
5V
( o
)
V
1
.
5
<


Similar Part No. - PT6654P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6654 TI-PT6654 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6654 TI1-PT6654 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6654P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com