Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5404C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT5404C
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5404C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT5404C Datasheet HTML 2Page - Texas Instruments PT5404C Datasheet HTML 3Page - Texas Instruments PT5404C Datasheet HTML 4Page - Texas Instruments PT5404C Datasheet HTML 5Page - Texas Instruments PT5404C Datasheet HTML 6Page - Texas Instruments PT5404C Datasheet HTML 7Page - Texas Instruments PT5404C Datasheet HTML 8Page - Texas Instruments PT5404C Datasheet HTML 9Page - Texas Instruments PT5404C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
For technical support and further information, visit http://power.ti.com
PT5400 Series
Operating Features of the PT5400
SWIFT™
Series of Power Modules
Under-Voltage Lockout (UVLO)
The PT5400 SWIFT series of power modules incor-
porate an under-voltage lockout (UVLO) function. The
UVLO function provides a clean transition during power-
up and power-down, allowing the regulator to tolerate a
slowly rising input voltage. The UVLO prevents opera-
tion of the module until the input voltage has risen above
2.95 V. Below this threshold the status of the inhibit
control pin is overriden, and the module will not produce
an output. When the input voltage rises above this thresh-
old, the output status of the module is determined by the
inhibit control pin. If the inhibit control is open-circuit
(not grounded), the module will automatically power up.
The UVLO circuit has approximately 0.16 V of hysteresis,
and will completely turn off the module when a falling
input voltage drops below about 2.8 V. (Note: Even though
the applied input voltage may be above the UVLO threshold,
operation to the published specifications requires that the input
voltage be at or above the minimum specified for each model in
the series. This ensures that the output voltage of the module is in
regulation.)
Soft-Start Power Up
Following either the application of a valid input source
voltage, or the removal of a ground signal to the inhibit
control pin (with input power applied), the module will
initiate a soft-start power up. The soft start has two
effects on the start-up characteristic. It introduces a short
time delay prior to the start-up of the output voltage,
and also slows the rate at which the output voltage rises.
Figure 1-1 shows the power-up characteristic of a PT5404
(1.8 V). In this example the delay time, td, is measured
from the point at which the input voltage rises above
2.95 V (the UVLO threshold), to the point that the output
voltage starts to rise. The time period t(SS) is the rise time
of the output voltage ramp. The value of td and t(SS)
are are approximately 10 ms and 7.5 ms respectively.
Vin (1V/Div)
Vout (1V/Div)
t (SS)
d
t
Vin =2.95V
HORIZ SCALE: 5ms/Div
Figure 1-1; Soft-Start Characteristic and Timing
If desired, both time periods can be lengthened with the
addition of a low value capacitor between the Inhibit
control (pin 1) and the COM (pin 3). For a given value
of external capacitance, Cinh, the formulas for calculating
the approximate effect on td and t(SS) are given below.
td
≈ (Cinh + 0.047 µF) × 1.2 V
5 µA
t(SS)
≈ (Cinh + 0.047 µF) × 0.7 V
5 µA
Note: The capacitor should be placed as close to the regulator as
possible. Adding 0.047 µF of external capacitance to the Inhibit
pin approximately doubles the value of td and t(SS).
Current Limit Protection
The output current limit feature is one of two fault
protection mechanisms built into the PT5400 modules.
Its purpose is to protect both the module and input source
against the occurance of a load fault, thereby isolating the
fault and preventing it from propagating to other parts
of the power system. The PT5400 regulators sense the
current switched by the series (high-side) power MOSFET.
The circuit implements a continuous current limit char-
acteristic. Upon the removal of the fault the output voltage
will promptly recover, and the module will return to nor-
mal operation.
A current limit condition will also increase the module’s
power dissipation, which may cause the temperature of
the internal components to significantly rise. If the con-
dition persists, the module may begin to cycle in and out
of thermal shutdown.
Thermal Shutdown
Thermal shutdown is the second fault protection mecha-
nism and protects the module’s internal circuitry against
excessively high temperatures. A rise in the temperature
of the internal circuitry may be the result of a drop in
airflow, a high ambient temperature, or a sustained over-
current load fault. If the junction temperature of the
internal components exceed 150 °C, the module will
shutdown. Once in thermal shutdown, the regulator is
disabled and the output voltage is reduced to zero. The
recovery is automatic and begins with a soft-start power
up. Recovery occurs when the the sensed temperature
decreases 10 °C below the trip point.
Application Notes


Similar Part No. - PT5404C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5404 TI-PT5404 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5404 TI-PT5404 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5404 TI-PT5404 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
More results

Similar Description - PT5404C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5401C TI-PT5401C Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com