Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPSPG-XXLS300 Datasheet(PDF) 10 Page - World Produts Inc.

Part # WPSPG-XXLS300
Description  WP SPG - SPARK GAP PROTECTORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPSPG-XXLS300 Datasheet(HTML) 10 Page - World Produts Inc.

Back Button WPSPG-XXLS300 Datasheet HTML 6Page - World Produts Inc. WPSPG-XXLS300 Datasheet HTML 7Page - World Produts Inc. WPSPG-XXLS300 Datasheet HTML 8Page - World Produts Inc. WPSPG-XXLS300 Datasheet HTML 9Page - World Produts Inc. WPSPG-XXLS300 Datasheet HTML 10Page - World Produts Inc. WPSPG-XXLS300 Datasheet HTML 11Page - World Produts Inc. WPSPG-XXLS300 Datasheet HTML 12Page - World Produts Inc. WPSPG-XXLS300 Datasheet HTML 13Page - World Produts Inc. WPSPG-XXLS300 Datasheet HTML 14Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 1.8
8 | WPSPG Spark Gap Protectors
WP SPG - SPARK GAP PROTECTORS
WPSPG Spark Gap Protectors - M Series
Part Number
Color Code 1
Color Code 2
Color Code 3
WPSPG-XXM220
Red
Red
WPSPG-XXM200
Red
WPSPG-XXM400
Yellow
WPSPG-XXM500
Green
WPSPG-XXM600
Blue
WPSPG-XXM700
Purple
WPSPG-XXM1000
Black
n
w
o
r
B
0
0
5
1
M
X
X
-
G
P
S
P
W
Green
WPSPG-XXM140
Black
Yellow
WPSPG-XXM300
Orange
Red
COLOR CODE
TEST METHODS AND RESULTS
ITEM
TEST METHOD
STANDARD
DC Spark over
Voltage(Vs)
Measure starting discharge voltage (Vs) by
gradually increasing applied DC voltage. Test
current is 0.5mA max. And the DC voltage
ascends up within as follow condition.
Vs <1000V
100V/second
Vs >1000V
500V/second
Meet specified value
Insulation
Resistance(IR)
Measure the insulation resistance across the
terminal at regular voltage. But the test voltage
doesn’t go beyond the DC spark-over voltage.
Capacitance
Measure the electrostatic capacitance by
applying a voltage of less than 6V (at 1KHZ)
between terminals.
Static Life
10KV with 1500pf condenser is discharged
through 0Ω resistor. 200 times at an interval
of 10sec.
Rate of change ≤30%.
Characteristics of other items must
meet the specified value.
Surge Current
Capacity
The following impulse current for specified
current applied ± 5 times at 60 seconds
intervals. Thereafter, outer appearance shall be
visually examined.
Type
Impulse current
Vs < 400V 1.2/50μs & 8/20μs, 1000A
Vs > 400V
1.2/50μs & 8/20μs, 1000A,
electrically connected with a
resistor (1~2 Ω).
No crack and no failures
Cold Resistance
Measurement after -40ºC/1000 HRS & normal
temperature/2 HRS.
Features are conformed to rated
spec.
Heat Resistance
Measurement after 125ºC/1000 HRS & normal
temperature/2 HRS.
Humidity Resistance
Measurement after humidity 90~95% (45ºC)
/1000 HRS & normal temperature/2 HRS.
Temperature Cycle
10 times repetition of cycle -40ºC/30min
normal, temp/2 min
125ºC/30min,
measurement after normal temp/2 HRS.
Solder Ability
Apply flux and immerse in molten solder
230± 5ºC for 3sec up to the point of 1.5mm from
body. Check for solder adhesion.
Lead wire is evenly covered by
solder.
Solder Heat
Measurement after lead wire is dipped up to
the point of 1.5mm from body into 260± 5ºC
solder for 10sec.
Conformed to rated spec.
Pull Strength
Apply 0.5kg load for 10sec.
Lead shall not pull out or snap.
Flexural Strength
Bend lead wire at the point of 2mm from body
under 0.25 load and back to its original point.
Repeat 1 time.
Green


Similar Part No. - WPSPG-XXLS300

ManufacturerPart #DatasheetDescription
logo
Level One
WPS-1133 LVL1-WPS-1133 Datasheet
769Kb / 2P
   Wireless Print Server with 2 USB and 1 Parallel Ports
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
WPS512K8B-XXXRJI ETC1-WPS512K8B-XXXRJI Datasheet
184Kb / 5P
   512Kx8 SRAM
WPS512K8B-XXXRJIB ETC1-WPS512K8B-XXXRJIB Datasheet
184Kb / 5P
   512Kx8 SRAM
WPS512K8B-XXXRJM ETC1-WPS512K8B-XXXRJM Datasheet
184Kb / 5P
   512Kx8 SRAM
More results

Similar Description - WPSPG-XXLS300

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
   Spark Gap Protectors (SPG)
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC UNSEMI-UNC Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com