Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH03000WAZ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03000WAZ
Description  Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03000WAZ Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH03000WAZ Datasheet HTML 5Page - Texas Instruments PTH03000WAZ Datasheet HTML 6Page - Texas Instruments PTH03000WAZ Datasheet HTML 7Page - Texas Instruments PTH03000WAZ Datasheet HTML 8Page - Texas Instruments PTH03000WAZ Datasheet HTML 9Page - Texas Instruments PTH03000WAZ Datasheet HTML 10Page - Texas Instruments PTH03000WAZ Datasheet HTML 11Page - Texas Instruments PTH03000WAZ Datasheet HTML 12Page - Texas Instruments PTH03000WAZ Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
PTH03000WAD
ACTIVE
Through-
Hole Module
EUS
5
56
Pb-Free
(RoHS)
SN
N / A for Pkg Type
PTH03000WAH
ACTIVE
Through-
Hole Module
EUS
5
56
Pb-Free
(RoHS)
SN
N / A for Pkg Type
-40 to 85
PTH03000WAS
ACTIVE
Surface
Mount Module
EUT
5
49
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH03000WAST
ACTIVE
Surface
Mount Module
EUT
5
250
TBD
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
PTH03000WAZ
ACTIVE
Surface
Mount Module
EUT
5
49
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH03000WAZT
ACTIVE
Surface
Mount Module
EUT
5
250
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
-40 to 85
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.


Similar Part No. - PTH03000WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results

Similar Description - PTH03000WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTN04050A TI-PTN04050A_15 Datasheet
666Kb / 19P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTN04050A TI-PTN04050A Datasheet
1Mb / 18P
[Old version datasheet]   6-W, 3.3-V/5-V INPUT, WIDE ADJUST OUTPUT, POSITIVE-TO-NEGATIVE CONVERTER
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
[Old version datasheet]   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com