Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8726 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8726
Description  21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8726 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8726 Datasheet HTML 6Page - Monolithic Power Systems MP8726 Datasheet HTML 7Page - Monolithic Power Systems MP8726 Datasheet HTML 8Page - Monolithic Power Systems MP8726 Datasheet HTML 9Page - Monolithic Power Systems MP8726 Datasheet HTML 10Page - Monolithic Power Systems MP8726 Datasheet HTML 11Page - Monolithic Power Systems MP8726 Datasheet HTML 12Page - Monolithic Power Systems MP8726 Datasheet HTML 13Page - Monolithic Power Systems MP8726 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP8726 – 6A PEAK CURRENT, 21V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8726 Rev. 0.92
www.MonolithicPower.com
10
6/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
3) Synchronized by External Sync Clock Signal
The chip can be synchronized to external clock
range from 300kHz up to 2MHz through this pin
2ms right after output voltage is set, with the
internal clock rising edge synchronized to the
external clock rising edge.
Vin
EN/Sync
Vcc
Vout
CLK
5us
Foldback
500kHz
External CLK
0.625*Vout_set
2ms
1ms
VCC_Rising
Vout_set
Figure 4—Startup Sequence Using External
Sync Clock Signal
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The MP8726 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 4.0V while its falling threshold is a
consistent 3.2V.
Internal Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (SS)
ramping up from 0V to 1.2V. When it is lower
than the internal reference (REF), SS overrides
REF so the error amplifier uses SS as the
reference. When SS is higher than REF, REF
regains control. The SS time is internally fixed to
4ms.
Over-Current-Protection and Latch off
The MP8726 has cycle-by-cycle over current limit
when the inductor current peak value exceeds
the set current limit threshold. Meanwhile, output
voltage starts to drop until FB is below the Under-
Voltage (UV) threshold, typically 30% below the
reference. Once a UV is triggered, the MP8726 is
latched off until En or IN is recycled. This
protection mode is especially useful when the
output is dead-short to ground.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than 150
°C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 140
°C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M3, C4,
L1 and C2 (Figure 5). If (VIN-VSW) is more than
5V, U2 will regulate M3 to maintain a 5V BST
voltage across C4.
SW
Figure 5—Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides
stable
supply
for
the
remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command.


Similar Part No. - MP8726

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8720 MPS-MP8720 Datasheet
685Kb / 23P
   26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
MP8720GQ MPS-MP8720GQ Datasheet
685Kb / 23P
   26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
MP8725EL MPS-MP8725EL Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP8726

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
   4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8286 RICHTEK-RT8286 Datasheet
418Kb / 14P
   2A, 21V 500kHz Synchronous Step-Down Converter
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
   21V, 4A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
   21V, 5A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com