Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6652 Datasheet(PDF) 9 Page - Texas Instruments

Part # PT6652
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6652 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT6652 Datasheet HTML 5Page - Texas Instruments PT6652 Datasheet HTML 6Page - Texas Instruments PT6652 Datasheet HTML 7Page - Texas Instruments PT6652 Datasheet HTML 8Page - Texas Instruments PT6652 Datasheet HTML 9Page - Texas Instruments PT6652 Datasheet HTML 10Page - Texas Instruments PT6652 Datasheet HTML 11Page - Texas Instruments PT6652 Datasheet HTML 12Page - Texas Instruments PT6652 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Jan-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT6656G
LIFEBUY SIP MODULE
EEG
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6656P
LIFEBUY SIP MODULE
EED
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - PT6652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6652 TI-PT6652 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6652 TI1-PT6652 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com