Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4483 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4483
Description  36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4483 Datasheet(HTML) 4 Page - Texas Instruments

  PT4483 Datasheet HTML 1Page - Texas Instruments PT4483 Datasheet HTML 2Page - Texas Instruments PT4483 Datasheet HTML 3Page - Texas Instruments PT4483 Datasheet HTML 4Page - Texas Instruments PT4483 Datasheet HTML 5Page - Texas Instruments PT4483 Datasheet HTML 6Page - Texas Instruments PT4483 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Increasing the Output Current of the PT4482
with the PT4499 Compatible Current Booster
The PT4499 is a 30-A “Current Booster” module
designed specifically for the PT4482 programmable
DC/DC converter. The booster is controlled directly
by the regulator, and effectively adds an additional
output stage that operates in parallel. This allows
the system to run sychronously, providing a low
noise solution. Up to two booster modules can be
connected to a PT4482 converter. Each booster
module increases the available output current by
30A. A combination of one PT4482 converter and
two PT4499 booster modules can supply up to 90A
of output current; enough to supply virtually any
multi-processor application. Figure 1-1 shows
the connection schematic for the regulator and
current booster combination.
A current booster is not a stand-alone product, and
can only operate with a regulator. It is housed in
the same package as its compatible regulator, and
shares the same mechanical outline. Except for an
increase in output current, the overall performance
of a converter/booster combination is identical to
that of a stand-alone converter.
Figure 1-1; Current Booster Application Schematic
Table 1-1; Booster Pin-Out Information
Pin
Function
Pin Function
Pin Function
1+Vin
10 +Vout
19 –Vout
2–Vin
11 +Vout
20 (–)Vsense
3
Do not connect
12 +Vout
21 Do not connect
4Vr
13 +Vout
22 Do not connect
5Va
14 –Vout
23 Do not connect
6
Do not connect
15 –Vout
24 Do not connect
7
Do not connect
16 –Vout
25 Do not connect
8+Vout
17 –Vout
26 DRV
9+Vout
18–Vout
Notes:
1. Refer to the PT4482 specification table for the
performance of the regulator/booster combination.
2. The pin-out of the current booster modules include a
number pins identified, “Do not connect” (see Table 1-1).
These pins are not connected internally to the module
but must be soldered to a pad to preserve the unit’s
mechanical integrity.
3. A minimum of 330µF of output capacitance is required
across the output of each PT4499 booster for proper
operation. A value greater than 330µF will further
reduce transients due to large and/or fast load steps.
4. The converter and all boosters must be located on
the same printed circuit board. A similar footprint
and trace layout for each module will also facilitate
current sharing.
PT4482, PT4499
PT4499
PT4482
1
2
8 - 13
–V
IN
-V
OUT
+V
OUT
20
7
REMOTE SENSE (+)
REMOTE SENSE (-)
VID0
VID1
VID2
VID3
PROGRAMMING PINS
Inhibit
3
C
IN
33µF
Optional
+
C
IN
33µF
Optional
+
LOAD
1
8 - 13
14 - 19
+V
IN
25
VID4
24
23
22
21
14-19
2
4526
20
4526
C
OUT
330µF
Optional
+
C
OUT
330µF
Required 3
+


Similar Part No. - PT4483

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4483 TI-PT4483 Datasheet
156Kb / 7P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4483

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
National Semiconductor ...
LM5035C NSC-LM5035C_1 Datasheet
343Kb / 14P
   Input operating range: 36V to 75V Output voltage: 3.3V
LM5039 NSC-LM5039_1 Datasheet
440Kb / 14P
   Input Operating Range: 36V to 75V Output Voltage: 3.3V
logo
Maxim Integrated Produc...
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX25232EVKIT MAXIM-MAX25232EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
2020
MAX16910C9EVKIT MAXIM-MAX16910C9EVKIT Datasheet
810Kb / 6P
   3.5V to 30V Input Voltage Range
2012
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
   3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com