Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8718 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8718
Description  High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8718 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8718 Datasheet HTML 9Page - Monolithic Power Systems MP8718 Datasheet HTML 10Page - Monolithic Power Systems MP8718 Datasheet HTML 11Page - Monolithic Power Systems MP8718 Datasheet HTML 12Page - Monolithic Power Systems MP8718 Datasheet HTML 13Page - Monolithic Power Systems MP8718 Datasheet HTML 14Page - Monolithic Power Systems MP8718 Datasheet HTML 15Page - Monolithic Power Systems MP8718 Datasheet HTML 16Page - Monolithic Power Systems MP8718 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP8718 – SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8718 Rev. 0.9
www.MonolithicPower.com
14
2/9/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended. Low ESR capacitors are
preferred to keep the output voltage ripple low.
The output voltage ripple can be estimated by:
⎟⎟
⎜⎜
×
×
+
×
⎟⎟
⎜⎜
×
×
=
2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is mainly caused by the
capacitance. For simplification, the output
voltage ripple can be estimated by:
⎟⎟
⎜⎜
×
×
×
×
=
IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
∆V
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
∆V
×
⎟⎟
⎜⎜
×
×
=
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP8718 can be optimized for a wide range of
capacitance and ESR values.
PCB Layout
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure 4 for references.
1) Keep the connection of input ground and
GND pin as short and wide as possible.
2) Keep the connection of input capacitor and
IN pin as short and wide as possible.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors
and compensation components as close to
the chip as possible.
4) Route SW away from sensitive analog
areas such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
6) Adding RC snubber circuit from IN pin to
SW pin can reduce SW spikes.
Top Layer
Bottom Layer
Figure 4—PCB Layout


Similar Part No. - MP8718

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8712 MPS-MP8712 Datasheet
1Mb / 26P
   High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8712GL MPS-MP8712GL Datasheet
1Mb / 26P
   High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
MP8712GL MPS-MP8712GL Datasheet
624Kb / 9P
   High Efficiency,12A,18V, Synchronous Step-Down Converter
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
   High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
MP8714GLE MPS-MP8714GLE Datasheet
788Kb / 20P
   High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
More results

Similar Description - MP8718

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
   4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
   21V, 4A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
   High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com