Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV104-12 Datasheet(PDF) 3 Page - Alpha Industries

Part # AV104-12
Description  GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AV104-12 Datasheet(HTML) 3 Page - Alpha Industries

  AV104-12 Datasheet HTML 1Page - Alpha Industries AV104-12 Datasheet HTML 2Page - Alpha Industries AV104-12 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 3/99A
GaAs IC 25 dB Voltage Variable Attenuator Single Positive Control 0.5–2.5 GHz
AV104-12
GND
GND
GND
VS
J1
VC
J2
GND
CBL
CBL
Characteristic
Value
RF Input Power
100 mW > 500 MHz
Supply Voltage
+4 to +8 V
Control Voltage
-0.2 V < VC < VS +0.2 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings
Pin Out
DC blocking capacitors (CBL) supplied externally.
CBL = 25 pF for operation >500 MHz.
Note: Exceeding these parameters may cause irreversible damage.


Similar Part No. - AV104-12

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AV10 CELDUC-AV10 Datasheet
334Kb / 1P
   HIGH VOLTAGE REED SWITCH NORMALY OPEN, DRY CONTACT
logo
LEM
AV100 LEM-AV100 Datasheet
41Kb / 2P
   Voltage Transducer AV 100 Series
AV100-1000 LEM-AV100-1000 Datasheet
41Kb / 2P
   Voltage Transducer AV 100 Series
AV100-125 LEM-AV100-125 Datasheet
41Kb / 2P
   Voltage Transducer AV 100 Series
AV100-150 LEM-AV100-150 Datasheet
41Kb / 2P
   Voltage Transducer AV 100 Series
More results

Similar Description - AV104-12

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV103-12 ALPHA-AV103-12 Datasheet
50Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
AV105-12 ALPHA-AV105-12 Datasheet
31Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
Skyworks Solutions Inc.
AV103-12 SKYWORKS-AV103-12 Datasheet
134Kb / 4P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive Control 0.5-2.5 GHz
logo
Alpha Industries
AV106-12 ALPHA-AV106-12 Datasheet
32Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV108-59 ALPHA-AV108-59 Datasheet
35Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AV107-59 ALPHA-AV107-59 Datasheet
36Kb / 3P
   GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz
AT002S3-11 ALPHA-AT002S3-11 Datasheet
32Kb / 2P
   GaAs 35 dB IC Voltage Variable Single Control Attenuator 0.4-2.5 GHz
AV110-73 ALPHA-AV110-73 Datasheet
36Kb / 2P
   GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
logo
Skyworks Solutions Inc.
AV110-73 SKYWORKS-AV110-73_07 Datasheet
81Kb / 4P
   GaAs IC 30 dB Voltage Variable Attenuator Single Positive 3 V Control 1.7-2.5 GHz
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com