Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG73S2A Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SG73S2A
Description  SURGE CURRENT THICK FILM SG73 ??SG73S ??SG73P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SG73S2A Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SG73S2A Datasheet HTML 1Page - KOA Speer Electronics, Inc. SG73S2A Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
EUROPE GmbH • Kaddenbusch 6 • D-25578 Dägeling / ITZEHOE • PHONE: +49 (0) 48 21/89 89-0 • FAX: +49 (0) 48 21/89 89 89 • Internet: www.koaeurope.de
Revision: 10. Nov. 2006
0603
SG73 1J
±400
0.1W
50V
100V
1Ω...8.2Ω
±200
10Ω...1MΩ
0805
SG73 2a
±400
0.125W
150V
200V
1Ω...8.2Ω
±200
10Ω...1MΩ
1206
SG73 2B
±400
0.25W
1Ω...8.2Ω
±200
10Ω...1MΩ
SG73 2E
±400
0.5W
1Ω...8.2Ω
1210
±200
10Ω...1kΩ
0.33W
200V
400V
1.2kΩ...1.MΩ
2010
SG73 W2H
±400
0.75W
1Ω…8.2Ω
-55°C...+155°C
±200
10Ω...1MΩ
2512
SG73 W3a
±400
1W
1Ω...8.2Ω
±200
10Ω...1MΩ
0603
SG73P 1J
0.125W
50V
100V
0805
SG73S 2a
0.25W
150V
200V
SG73P 2a
1206
SG73S 2B
±200
0.33W
10Ω…1MΩ
1Ω…1MΩ
1Ω…10MΩ
SG73P 2B
200V
400V
1210
SG73S 2E
0.5W
SG73P 2E
RaTING
ESD LIMITING VOLTaGE aND DERaTING CURVE
DERaTING CURVE
SG73S 2E
SIZE
TYPE
T.C.R.
(ppm/K)
POWER*
RaTING
MaX.
WORKING
VOLTaGE
MaX.
OVERLOaD
VOLTaGE
RESISTaNCE RaNGE
D (± 0.5%)
E24
F (± 1%)
E24
G (± 2%), J (± 5%)
E24
K(±10%),M(±20%)
E12
NEW
NEW
NEW
OPERaTING
TEMPERaTURE
RaNGE
Ratedvoltage=Powerratingxresistancevalueormax.workingvoltage,whicheverislower.
*Forresistorsoperatedinambienttemperatureover+70°C,powerratingshallbederatedlikeshowninbelow„DERATINGCURVE“.
FLAT CHIP
SURGE CURRENT THICK FILM
SG73 • SG73S • SG73P
NEW
NEW
Ambient temperature (°C)
Nominal Resistance (Ω)
Nominal Resistance (Ω)
Nominal Resistance (Ω)
SG73S 2a
SG73S 2B
z
NEW
RESISTORS


Similar Part No. - SG73S2A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SG73S2A KOA-SG73S2A Datasheet
252Kb / 2P
   surge current thick film chip resistor
SG73S2A KOA-SG73S2A Datasheet
240Kb / 2P
   surge current thick film chip resistor
SG73S2ATTD KOA-SG73S2ATTD Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73S2ATTDD KOA-SG73S2ATTDD Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG73S2ATTE KOA-SG73S2ATTE Datasheet
92Kb / 2P
   surge current thick film chip resistor
More results

Similar Description - SG73S2A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
   surge current thick film chip resistor
SG732ATTD121K KOA-SG732ATTD121K Datasheet
240Kb / 2P
   surge current thick film chip resistor
SG73 KOA-SG73_11 Datasheet
246Kb / 2P
   surge current thick film chip resistor
SG731JT KOA-SG731JT Datasheet
92Kb / 2P
   surge current thick film chip resistor
SG732BTTD102K KOA-SG732BTTD102K Datasheet
252Kb / 2P
   surge current thick film chip resistor
SG731JTTD100K KOA-SG731JTTD100K Datasheet
252Kb / 2P
   surge current thick film chip resistor
SG73 KOA-SG73 Datasheet
500Kb / 3P
   surge current thick film chip resistor
logo
TT Electronics.
BSR TTELEC-BSR Datasheet
248Kb / 4P
   Thick Film 2512 Surge Resistors
logo
Bi technologies
BSR BITECH-BSR Datasheet
167Kb / 4P
   Thick Film 2512 Surge Resistors
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
   Thick Film Surge Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com