Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6435ADQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI6435ADQ
Description  P-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6435ADQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6435ADQ Datasheet HTML 1Page - Vishay Siliconix SI6435ADQ Datasheet HTML 2Page - Vishay Siliconix SI6435ADQ Datasheet HTML 3Page - Vishay Siliconix SI6435ADQ Datasheet HTML 4Page - Vishay Siliconix SI6435ADQ Datasheet HTML 5Page - Vishay Siliconix SI6435ADQ Datasheet HTML 6Page - Vishay Siliconix SI6435ADQ Datasheet HTML 7Page - Vishay Siliconix SI6435ADQ Datasheet HTML 8Page - Vishay Siliconix SI6435ADQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si6435ADQ
Document Number: 71104
S-80682-Rev. B, 31-Mar-08
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFETs
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 30
0.030 at VGS = - 10 V
± 5.5
0.055 at VGS = - 4.5 V
± 4.1
Si6435ADQ
D
S
S
G
1
2
3
4
8
7
6
5
D
S
S
D
TSSOP-8
Top View
Ordering Information: Si6435ADQ-T1-GE3 (Lead (Pb)-free and Halogen-free)
S*
G
D
P-Channel MOSFET
* Source Pins 2, 3, 6 and 7
must be tied common.
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
± 5.5
± 4.7
A
TA = 70 °C
± 4.5
± 3.7
Pulsed Drain Current (10 µs Pulse Width)
IDM
± 30
Continuous Source Current (Diode Conduction)a
IS
- 1.35
- 0.95
Maximum Power Dissipationa
TA = 25 °C
PD
1.5
1.05
W
TA = 70 °C
1.0
0.67
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
65
83
°C/W
Steady State
100
120
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
43
52
RoHS
COMPLIANT


Similar Part No. - SI6435ADQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6435ADQ VISHAY-SI6435ADQ Datasheet
62Kb / 3P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 29-Nov-99
SI6435ADQ VISHAY-SI6435ADQ Datasheet
94Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 31-Mar-08
SI6435ADQ-T1-E3 VISHAY-SI6435ADQ-T1-E3 Datasheet
203Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 31-Mar-08
logo
VBsemi Electronics Co.,...
SI6435ADQ-T1-GE3 VBSEMI-SI6435ADQ-T1-GE3 Datasheet
978Kb / 8P
   P-Channel 20-V (G-S) MOSFET
logo
Vishay Siliconix
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 31-Mar-08
More results

Similar Description - SI6435ADQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com