Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4663BRZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADN4663BRZ
Description  Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4663BRZ Datasheet(HTML) 4 Page - Analog Devices

  ADN4663BRZ Datasheet HTML 1Page - Analog Devices ADN4663BRZ Datasheet HTML 2Page - Analog Devices ADN4663BRZ Datasheet HTML 3Page - Analog Devices ADN4663BRZ Datasheet HTML 4Page - Analog Devices ADN4663BRZ Datasheet HTML 5Page - Analog Devices ADN4663BRZ Datasheet HTML 6Page - Analog Devices ADN4663BRZ Datasheet HTML 7Page - Analog Devices ADN4663BRZ Datasheet HTML 8Page - Analog Devices ADN4663BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADN4663
Rev. 0 | Page 4 of 12
AC CHARACTERISTICS
VCC = 3.0 V to 3.6 V; RL = 100 Ω; CL1 = 15 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter2
Symbol
Min
Typ
Max
Unit
Conditions/Comments3, 4
Differential Propagation Delay High to Low
tPHLD
0.3
0.8
1.5
ns
See Figure 3 and Figure 4
Differential Propagation Delay Low to High
tPLHD
0.3
1.1
1.5
ns
See Figure 3 and Figure 4
Differential Pulse Skew |tPHLD − tPLHD|5
tSKD1
0
0.3
0.7
ns
See Figure 3 and Figure 4
Channel-to-Channel Skew6
tSKD2
0
0.4
0.8
ns
See Figure 3 and Figure 4
Differential Part-to-Part Skew7
tSKD3
0
1.0
ns
See Figure 3 and Figure 4
Differential Part-to-Part Skew8
tSKD4
0
1.2
ns
See Figure 3 and Figure 4
Rise Time
tTLH
0.2
0.5
1.0
ns
See Figure 3 and Figure 4
Fall Time
tTHL
0.2
0.5
1.0
ns
See Figure 3 and Figure 4
Maximum Operating Frequency9
fMAX
350
MHz
See Figure 3
1 CL includes probe and jig capacitance.
2 AC parameters are guaranteed by design and characterization.
3 Generator waveform for all tests, unless otherwise specified: f = 50 MHz, ZO = 50 Ω, tTLH ≤ 1 ns, and tTHL ≤ 1 ns.
4 All input voltages are for one channel, unless otherwise specified. Other inputs are set to GND.
5 tSKD1 = |tPHLD − tPLHD| is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of the
same channel.
6 tSKD2 is the differential channel-to-channel skew of any event on the same device.
7 tSKD3, differential part-to-part skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This specification
applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
8 tSKD4, differential part-to-part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices over recommended
operating temperatures and voltage ranges, and across process distribution. tSKD4 is defined as |maximum − minimum| differential propagation delay.
9 fMAX generator input conditions: tTLH = tTHL < 1 ns (0% to 100%), 50% duty cycle, 0 V to 3 V. Output criteria: duty cycle = 45% to 55%, VOD > 250 mV, all channels
switching.


Similar Part No. - ADN4663BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ-REEL7 AD-ADN4663BRZ-REEL7 Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ-REEL71 AD-ADN4663BRZ-REEL71 Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ1 AD-ADN4663BRZ1 Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
More results

Similar Description - ADN4663BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
logo
National Semiconductor ...
DS90LV027A NSC-DS90LV027A Datasheet
638Kb / 8P
   LVDS Dual High Speed Differential Driver
DS90LV027 NSC-DS90LV027 Datasheet
483Kb / 4P
   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com