Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM21NN2R7K10 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQM21NN2R7K10
Description  Chip Inductor (Chip Coil) for General Use Multilayer Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM21NN2R7K10 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQM21NN2R7K10 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM21NN2R7K10 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > for General Use Multilayer Type
2012.11.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21N Series (0805 Size)
c Dimensions
2.0±0.2
0.5±0.3
1.25±0.2
t
(in mm)
Inductance: 0.1 to 2.2μH
Dimension of t
Inductance: 2.7 to 4.7μH
0.85±0.2
1.25±0.2
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
*1
L
180mm Embossed Tape
3000
*2
J
330mm Paper Tape
10000
*1
K
330mm Embossed Tape
10000
*2
B
Bulk(Bag)
1000
*1: LQM21N (0.1 to 2.2µH)
*2: LQM21N (2.7 to 4.7µH)
c Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency Rated Current
Max. of DC Resistance Q (min.) Test Frequency Self Resonance Frequency (min.)
LQM21NNR10K10
p 0.1µH ±10%
25MHz
250mA
0.26ohm
20
25MHz
340MHz
LQM21NNR12K10
p 0.12µH ±10%
25MHz
250mA
0.29ohm
20
25MHz
310MHz
LQM21NNR15K10
p 0.15µH ±10%
25MHz
250mA
0.32ohm
20
25MHz
270MHz
LQM21NNR18K10
p 0.18µH ±10%
25MHz
250mA
0.35ohm
20
25MHz
250MHz
LQM21NNR22K10
p 0.22µH ±10%
25MHz
250mA
0.38ohm
20
25MHz
220MHz
LQM21NNR27K10
p 0.27µH ±10%
25MHz
250mA
0.42ohm
20
25MHz
200MHz
LQM21NNR33K10
p 0.33µH ±10%
25MHz
250mA
0.48ohm
20
25MHz
180MHz
LQM21NNR39K10
p 0.39µH ±10%
25MHz
200mA
0.53ohm
25
25MHz
165MHz
LQM21NNR47K10
p 0.47µH ±10%
25MHz
200mA
0.57ohm
25
25MHz
150MHz
LQM21NNR56K10
p 0.56µH ±10%
25MHz
150mA
0.63ohm
25
25MHz
140MHz
LQM21NNR68K10
p 0.68µH ±10%
25MHz
150mA
0.72ohm
25
25MHz
125MHz
LQM21NNR82K10
p 0.82µH ±10%
25MHz
150mA
0.81ohm
25
25MHz
115MHz
LQM21NN1R0K10
p
1µH ±10%
10MHz
50mA
0.40ohm
45
10MHz
107MHz
LQM21NN1R2K10
p 1.2µH ±10%
10MHz
50mA
0.47ohm
45
10MHz
97MHz
LQM21NN1R5K10
p 1.5µH ±10%
10MHz
50mA
0.50ohm
45
10MHz
87MHz
LQM21NN1R8K10
p 1.8µH ±10%
10MHz
50mA
0.57ohm
45
10MHz
80MHz
LQM21NN2R2K10
p 2.2µH ±10%
10MHz
30mA
0.63ohm
45
10MHz
71MHz
LQM21NN2R7K10
p 2.7µH ±10%
10MHz
30mA
0.69ohm
45
10MHz
66MHz
LQM21NN3R3K10
p 3.3µH ±10%
10MHz
30mA
0.80ohm
45
10MHz
59MHz
LQM21NN3R9K10
p 3.9µH ±10%
10MHz
30mA
0.89ohm
45
10MHz
53MHz
LQM21NN4R7K10
p 4.7µH ±10%
10MHz
30mA
1.00ohm
45
10MHz
47MHz
Class of Magnetic Shield: Magnetic shield of ferrite
Operating Temperature Range (Self-temperature rise is not included): -40 to +85°C
Continued on the following page.


Similar Part No. - LQM21NN2R7K10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM21NN2R7K10 MURATA-LQM21NN2R7K10 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQM21NN2R7K10D MURATA-LQM21NN2R7K10D Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN2R7K10J MURATA-LQM21NN2R7K10J Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN2R7K10J MURATA-LQM21NN2R7K10J Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN2R7K10K MURATA-LQM21NN2R7K10K Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
More results

Similar Description - LQM21NN2R7K10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com