Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5512119 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. M5512119
Description  Attractive, universal enclosures for desktop or portable electronics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M5512119 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M5512119 Datasheet HTML 1Page - List of Unclassifed Manufacturers M5512119 Datasheet HTML 2Page - List of Unclassifed Manufacturers M5512119 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unicase SL4
Unicase SL3
Unicase SL2
Unicase SL1
Unicase SL2
185mm
250mm
50mm
7.283”
9.842”
1.968”
Part No.
Bestell-Nr./Réf.
M 55 12 110
M 55 12 119
Unicase SL1
130mm
180mm
50mm
5.118”
7.087”
1.968”
Part No.
Bestell-Nr./Réf.
M 55 11 110
M 55 11 119
Unicase SL3
250mm
250mm
50mm
9.842”
9.842”
1.968”
Part No.
Bestell-Nr./Réf.
M 55 13 110
M 55 13 119
Unicase SL4
250mm
300mm
50mm
9.842”
11.811”
1.968”
Part No.
Bestell-Nr./Réf.
M 55 14 110
M 55 14 119
26
www.metcase.com
Colours
Farben/Coloris
RAL 7035
RAL 9005
Colours
Farben/Coloris
RAL 7035
RAL 9005
Colours
Farben/Coloris
RAL 7035
RAL 9005
Colours
Farben/Coloris
RAL 7035
RAL 9005
**New Brochure artwork
24/5/11
09:58
Page 26


Similar Part No. - M5512119

ManufacturerPart No.DatasheetDescription
Kemet Corporation
Kemet Corporation
M551B108K006AA KEMET-M551B108K006AA Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
M551B108K006AG KEMET-M551B108K006AG Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
M551B108K006AH KEMET-M551B108K006AH Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
M551B108K006AS KEMET-M551B108K006AS Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
M551B108K006AT KEMET-M551B108K006AT Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
More results

Similar Description - M5512119

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
FB-40-5 ETC-FB-40-5 Datasheet
134Kb / 1P
   PLASTIC ENCLOSURES FOR ELECTRONICS
Advanced Thermal Solutions, Inc.
Advanced Thermal Soluti...
ATS-HP-D3L70S26W-111 ATS-ATS-HP-D3L70S26W-111 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D3L150S12W-113 ATS-ATS-HP-D3L150S12W-113 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D8L300S55W-011 ATS-ATS-HP-D8L300S55W-011 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D5L200S40W-007 ATS-ATS-HP-D5L200S40W-007 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D5L300S25W-008 ATS-ATS-HP-D5L300S25W-008 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D6L200S45W-009 ATS-ATS-HP-D6L200S45W-009 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D3L200S9W-114 ATS-ATS-HP-D3L200S9W-114 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D4L200G30W-001 ATS-ATS-HP-D4L200G30W-001 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D6L300G30W-006 ATS-ATS-HP-D6L300G30W-006 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz