Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5512119 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. M5512119
Description  Attractive, universal enclosures for desktop or portable electronics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M5512119 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M5512119 Datasheet HTML 1Page - List of Unclassifed Manufacturers M5512119 Datasheet HTML 2Page - List of Unclassifed Manufacturers M5512119 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Unicase 2
Unicase 4
Unicase 1
Unicase 6
Unicase 3
Unicase 5
Unicase 2
260mm
250mm
90mm
10.236”
9.842”
3.543”
Part No.
Bestell-Nr./Réf.
M 55 02 110
M 55 02 119
Unicase 3
350mm
250mm
110mm
13.779”
9.842”
4.331”
Part No.
Bestell-Nr./Réf.
M 55 03 110
M 55 03 119
Unicase 4
261mm
300mm
134.5mm
10.275”
11.811”
5.295”
Part No.
Bestell-Nr./Réf.
M 55 04 110
M 55 04 119
Unicase 5
367mm
300mm
134.5mm
14.449”
11.811”
5.295”
Part No.
Bestell-Nr./Réf.
M 55 05 110
M 55 05 119
Unicase 6
474mm
300mm
134.5mm
18.661”
11.811”
5.295”
Part No.
Bestell-Nr./Réf.
M 55 06 110
M 55 06 119
Unicase 1
185mm
180mm
65mm
7.283”
7.087”
2.559”
Part No.
Bestell-Nr./Réf.
M 55 01 110
M 55 01 119
www.metcase.com
25
185 (7.283”)
180 (7.087”)
159 (6.259”)
260 (10.236”)
250 (9.842”)
229 (9.016”)
350 (13.779”)
250 (9.842”)
229 (9.016”)
261 (10.275”)
300 (11.811”)
279 (10.984”)
367 (14.449”)
300 (11.811”)
279 (10.984”)
474 (18.661”)
300 (11.811”)
279 (10.984”)
Colours
Farben/Coloris
RAL 7035
RAL 9005
Colours
Farben/Coloris
RAL 7035
RAL 9005
Colours
Farben/Coloris
RAL 7035
RAL 9005
Colours
Farben/Coloris
RAL 7035
RAL 9005
Colours
Farben/Coloris
RAL 7035
RAL 9005
Colours
Farben/Coloris
RAL 7035
RAL 9005
**New Brochure artwork
24/5/11
09:58
Page 25


Similar Part No. - M5512119

ManufacturerPart No.DatasheetDescription
Kemet Corporation
Kemet Corporation
M551B108K006AA KEMET-M551B108K006AA Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
M551B108K006AG KEMET-M551B108K006AG Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
M551B108K006AH KEMET-M551B108K006AH Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
M551B108K006AS KEMET-M551B108K006AS Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
M551B108K006AT KEMET-M551B108K006AT Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
More results

Similar Description - M5512119

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
FB-40-5 ETC-FB-40-5 Datasheet
134Kb / 1P
   PLASTIC ENCLOSURES FOR ELECTRONICS
Advanced Thermal Solutions, Inc.
Advanced Thermal Soluti...
ATS-HP-D3L70S26W-111 ATS-ATS-HP-D3L70S26W-111 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D3L150S12W-113 ATS-ATS-HP-D3L150S12W-113 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D8L300S55W-011 ATS-ATS-HP-D8L300S55W-011 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D5L200S40W-007 ATS-ATS-HP-D5L200S40W-007 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D5L300S25W-008 ATS-ATS-HP-D5L300S25W-008 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D6L200S45W-009 ATS-ATS-HP-D6L200S45W-009 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D3L200S9W-114 ATS-ATS-HP-D3L200S9W-114 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D4L200G30W-001 ATS-ATS-HP-D4L200G30W-001 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
ATS-HP-D6L300G30W-006 ATS-ATS-HP-D6L300G30W-006 Datasheet
176Kb / 1P
   Compact Electronics Enclosures
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz