Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # US1B
Description  Surface Mount Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

US1B Datasheet(HTML) 4 Page - Vishay Siliconix

  US1B Datasheet HTML 1Page - Vishay Siliconix US1B Datasheet HTML 2Page - Vishay Siliconix US1B Datasheet HTML 3Page - Vishay Siliconix US1B Datasheet HTML 4Page - Vishay Siliconix US1B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US1A, US1B, US1D, US1G, US1J, US1K, US1M
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
4
Document Number: 88768
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208 (5.28)
REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.
0.030 (0.76)
0.060 (1.52)


Similar Part No. - US1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1B PANJIT-US1B Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
DONGGUAN YOU FENG WEI E...
US1B YFWDIODE-US1B Datasheet
731Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diotec Semiconductor
US1B DIOTEC-US1B Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
Won-Top Electronics
US1B WTE-US1B Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Shenzhen Yixinwei Techn...
US1B YIXIN-US1B Datasheet
286Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
US1A PANJIT-US1A_05 Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1K-E3 VISHAY-US1K-E3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
   Surface-Mount Ultrafast Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com