Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ-2333 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # CQ-2333
Description  High-Speed Small Current Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-2333 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button CQ-2333 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-2333 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-2333 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-2333 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-2333 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-2333 Datasheet HTML 10Page - Asahi Kasei Microsystems CQ-2333 Datasheet HTML 11Page - Asahi Kasei Microsystems CQ-2333 Datasheet HTML 12Page - Asahi Kasei Microsystems CQ-2333 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
[CQ-2333]
MS1572-J-00
2013/10
- 9 -
11. 推奨接続回路例
6
5
4
IN
3
2
1
7
0.1
µF
+5V
R1
R1
R2
R2
VOUT
SCLK
P
DATA_IO
VDD
VSS
AIN
VSS
VREF
RF
CF
N
A/D
(a) バイパスコンデンサ0.1
µFをCQ-2333のVDD、VSS端子のできるだけ近くに配置してください。
(b) CQ-2333はレシオメトリック出力を有しており、出力をA/Dコンバーターで受ける際にCQ-2333の
電源とA/Dコンバーターのリファレンス電圧を共通とすることで、電源電圧変動によるA/D変換誤
差を低減する事が可能です。
R1, R2による抵抗分割はA/Dコンバーターのリファレンス電圧が+5Vより低い場合に必要となりま
す。
(例)A/Dコンバーターのリファレンス電圧が電源電圧レベルで、+3.3Vの場合は、R1 =
20kΩ,
R2 =
39kΩが推奨されます。
また、A/Dコンバーターのリファレンス電圧が電源電圧レベルと異なる場合には、更なる抵抗分割
が必要となります。
(c) 必要に応じ、VOUTにローパスフィルタを挿入してください。
Figure 9. CQ-2333の推奨接続回路例(A/Dコンバータ使用時)
CQ-2333
(b)
(c)
(a)


Similar Part No. - CQ-2333

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2332 AKM-CQ-2332 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2334 AKM-CQ-2334 Datasheet
703Kb / 15P
   High-Speed Small Current Sensor
CQ-2335 AKM-CQ-2335 Datasheet
771Kb / 16P
   High-Speed Small Current Sensor
More results

Similar Description - CQ-2333

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2332 AKM-CQ-2332 Datasheet
767Kb / 15P
   High-Speed Small Current Sensor
CQ-2234 AKM-CQ-2234 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2334 AKM-CQ-2334 Datasheet
703Kb / 15P
   High-Speed Small Current Sensor
CQ-2233 AKM-CQ-2233 Datasheet
770Kb / 15P
   High-Speed Small Current Sensor
CQ-2235 AKM-CQ-2235 Datasheet
774Kb / 16P
   High-Speed Small Current Sensor
CQ-2335 AKM-CQ-2335 Datasheet
771Kb / 16P
   High-Speed Small Current Sensor
CQ-2232 AKM-CQ-2232 Datasheet
773Kb / 15P
   High-Speed Small Current Sensor
CQ-236B AKM-CQ-236B_16 Datasheet
680Kb / 13P
   High-Speed Small-Sized Current Sensor
CQ-236B AKM-CQ-236B Datasheet
680Kb / 13P
   High-Speed Small-Sized Current Sensor
CQ-2366 AKM-CQ-2366 Datasheet
698Kb / 13P
   High-Speed Small-Sized Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com