Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGL29K-G2J1-24-Z Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LGL29K-G2J1-24-Z
Description  Version 1.0 (Replacement in due course)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGL29K-G2J1-24-Z Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LGL29K-G2J1-24-Z Datasheet HTML 4Page - OSRAM GmbH LGL29K-G2J1-24-Z Datasheet HTML 5Page - OSRAM GmbH LGL29K-G2J1-24-Z Datasheet HTML 6Page - OSRAM GmbH LGL29K-G2J1-24-Z Datasheet HTML 7Page - OSRAM GmbH LGL29K-G2J1-24-Z Datasheet HTML 8Page - OSRAM GmbH LGL29K-G2J1-24-Z Datasheet HTML 9Page - OSRAM GmbH LGL29K-G2J1-24-Z Datasheet HTML 10Page - OSRAM GmbH LGL29K-G2J1-24-Z Datasheet HTML 11Page - OSRAM GmbH LGL29K-G2J1-24-Z Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2012-10-01
8
Version 1.0 (Replacement in due course)
LG L29K
Forward Current 7) page 19
Durchlassstrom 7) Seite 19
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
IV/IV(2 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 19
Relative Lichtstärke 7) Seite 19
IV/IV(25)°C = f(Tj); IF = 2mA
V
OHL00802
1.4
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
I
F
V
F
1.6
1.8
2.0
2.2
10
10
0
mA
1
10
I
F
2
OHL00801
V
V (2 mA)
I
10
2
I
10
-1
10
0
10
1
OHL00800
0
-60
T
I
V (25˚C)
I
V
-40 -20
0
20 40 60
˚C 100
0.5
1.0
1.5
2.0
3.0
j


Similar Part No. - LGL29K-G2J1-24-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGL29K-G2J1-24 OSRAM-LGL29K-G2J1-24 Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K-G2J1-24 OSRAM-LGL29K-G2J1-24 Datasheet
423Kb / 20P
   LCD Backlighting
More results

Similar Description - LGL29K-G2J1-24-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A1746 OSRAM-Q65110A1746 Datasheet
386Kb / 20P
   Version 1.0 (Replacement in due course)
LBL293 OSRAM-LBL293 Datasheet
396Kb / 21P
   Version 1.0 (Replacement in due course)
Q65110A1791 OSRAM-Q65110A1791 Datasheet
396Kb / 21P
   Replacement in due course
logo
Molex Electronics Ltd.
130112-0126 MOLEX11-130112-0126 Datasheet
31Kb / 1P
   In-line Replacement Transformer
logo
Samsung semiconductor
DDRSDRAM1111 SAMSUNG-DDRSDRAM1111 Datasheet
669Kb / 53P
   DDR SDRAM Specification Version 1.0
logo
Silicon Laboratories
1211201 SILABS-1211201 Datasheet
203Kb / 4P
   Version 1.0 of the SiM3U1xx
logo
Vishay Siliconix
SC300 VISHAY-SC300 Datasheet
100Kb / 1P
   Strain Measuring Systems Short Course
Revision: 19-Nov-03
logo
IXYS Corporation
CPC7691 IXYS-CPC7691 Datasheet
266Kb / 16P
   Drop-In Replacement for CPC7591
CPC7692 IXYS-CPC7692 Datasheet
281Kb / 18P
   Drop-in replacement for CPC7592
logo
OSRAM GmbH
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube Datasheet Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com