Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21867S Datasheet(PDF) 5 Page - International Rectifier

Part # IRS21867S
Description  Floating channel designed for bootstrap operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21867S Datasheet(HTML) 5 Page - International Rectifier

  IRS21867S Datasheet HTML 1Page - International Rectifier IRS21867S Datasheet HTML 2Page - International Rectifier IRS21867S Datasheet HTML 3Page - International Rectifier IRS21867S Datasheet HTML 4Page - International Rectifier IRS21867S Datasheet HTML 5Page - International Rectifier IRS21867S Datasheet HTML 6Page - International Rectifier IRS21867S Datasheet HTML 7Page - International Rectifier IRS21867S Datasheet HTML 8Page - International Rectifier IRS21867S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IRS21867S
www.irf.com
© 2010 International Rectifier
5
Dynamic Electrical Characteristics
VCC = VBS = 15V, CL = 1000 pF, TA = 25°C unless otherwise specified.
Symbol
Definition
Min Typ Max Units Test Conditions
ton
Turn-on propagation delay
170
250
VS = 0V
toff
Turn-off propagation delay
170
250
VS = 0V or 600V
MT
Delay matching | ton – toff |
35
t r
Turn-on rise time
22
38
t f
Turn-off fall time
18
30
ns
VS = 0V
Static Electrical Characteristics
VCC = VBS = 15V,, and TA = 25°C unless otherwise specified. The VIN, and IIN parameters are referenced to
COM and are applicable to the respective input leads: HIN, and LIN. The VO, and IO parameters are
referenced to VS/COM and are applicable to the respective output leads: HO and LO.
Symbol
Definition
Min
Typ Max Units Test Conditions
VIH
Logic “1” input voltage for HO & LO
2.5
VIL
Logic “0” input voltage for HO & LO
0.8
VCC = 10V to 20V
VOH
High level output voltage, VCC or VBS - VO
1.4
IO = 0mA
VOL
Low level output voltage, VO
0.15
V
IO = 20mA
ILK
Offset supply leakage current
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
20
60
150
IQCC
Quiescent VCC supply current
50
120
240
VIN = 0V or 5V
IIN+
Logic “1” input bias current
250
HIN = LIN = 5V
IIN-
Logic “0” input bias current
5.0
A
HIN = LIN = 0V
VCCUV+
VBSUV+
VCC and VBS supply undervoltage positive
going threshold
5.34
6
6.66
VCCUV-
VBSUV-
VCC and VBS supply undervoltage negative
going threshold
4.90 5.50 6.10
VCCUVH
VBSUVH
VCC and VBS supply undervoltage Hysteresis
0.5
V
IO+
Output high short circuit pulsed current
4.0
VO = 0V,
PW ≤ 10 s
IO-
Output low short circuit pulsed current
4.0
A
VO = 15V,
PW ≤ 10 s


Similar Part No. - IRS21867S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS21867S INFINEON-IRS21867S Datasheet
822Kb / 21P
   HIGH AND LOW SIDE DRIVER
31 May, 2011
logo
International Rectifier
IRS21867SPBF IRF-IRS21867SPBF Datasheet
748Kb / 21P
   HIGH AND LOW SIDE DRIVER
IRS21867SPBF IRF-IRS21867SPBF Datasheet
748Kb / 21P
   HIGH AND LOW SIDE DRIVER
IRS21867SPBF IRF-IRS21867SPBF_15 Datasheet
748Kb / 21P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS21867STR INFINEON-IRS21867STR Datasheet
822Kb / 21P
   HIGH AND LOW SIDE DRIVER
31 May, 2011
More results

Similar Description - IRS21867S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
   Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
IR2010PBF IRF-IR2010PBF_15 Datasheet
2Mb / 20P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com