Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQPW201K0G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SQPW201K0G
Description  Type SQ Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SQPW201K0G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SQPW201K0G Datasheet HTML 1Page - List of Unclassifed Manufacturers SQPW201K0G Datasheet HTML 2Page - List of Unclassifed Manufacturers SQPW201K0G Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type SQZ - Horizontal
Pluggable
Power
Dimensions
Resistance Range
Rating
W±1
H±1
L±1.5 P±1.5
P1
P2
P3
P4
H1±1 H2±1
Wire
Metal Film
5W
10
10
28
15
4.2
2
5
1.5
25
10.5
R10 - 130R
131R - 100K
7W
10
10
36
20
4.2
2
5
1.5
25
10.5
R10 - 430R
431R - 100K
10W
10
10
48
32
4.2
2
5
1.5
25
10.5
R20 - 470R
471R - 100K
15W
12.5
12
48
32
4.2
2
5
1.5
26
10.5
1R0 - 600R
601R - 150K
20W-25W* 15
13
60
42
7
6
10
2.7
36
15.0
1R0 - 1K0
1K1 - 150K
*NB: 20W & 25W Devices Terminations are not crimped
How to Order
SQP
W
20
1R0
F
Common Part
W - Wire
R - Metal Film
Element
2 - 2 Watts
3 - 3 Watts
5 - 5 Watts
etc
Rated Power
ResistanceValue
SQP - Axial Type
SQZ - Pluggable Type
SQM - Vertical Type
SPS - Vertical Type
SQH - Horizontal Type
SQB - Horizontal Type
(with bracket)
0.1 ohm
(1 milliohm) R10
1 ohm
(1000 milliohms) 1R0
1K ohm
(1000 ohms) 1K0
1M ohm
(1000000 ohms) 1M0
Resistance Tolerance
F - ±1%
G - ±2%
J - ±5%
K - ±10%
Type SQZ - Recommended PCB Hole Dimensions
Power
Rating
a
b
p
5W
2.0
0.8
15
7W
2.0
0.8
20
10W
2.0
0.8
32
15W
2.0
0.8
32
20W_25W
3.5
1.0
42
Suggested PCB Layout Plan
Type SPS - Vertical Mounting with Stabilising Bracket
Power
Dimension
Resistance Range
Rating
L ± 1.5
K ± 0.5
Wire
Metal Film
7W
48
8.5
R10 - 430R
431R - 100K
10W
60
20
R10 - 470R
471R - 100K
5.0
5.0
2.0
0.8
5.0
5.0
R0.2
Ø1.0
High Power Resistors
Type SQ Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.


Similar Part No. - SQPW201K0G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQPW201K0G MACOM-SQPW201K0G Datasheet
255Kb / 3P
   High Power Resistors
More results

Similar Description - SQPW201K0G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
SQMR547KJ MACOM-SQMR547KJ Datasheet
255Kb / 3P
   Type SQ Series
1-1623788-0 MACOM-1-1623788-0 Datasheet
255Kb / 3P
   Type SQ Series
logo
Cree, Inc
C12410 CREE-C12410 Datasheet
649Kb / 7P
   Strada-SQ series
logo
Lumileds Lighting Compa...
CA13509_STRADA-SQ-T2 LUMILEDS-CA13509_STRADA-SQ-T2 Datasheet
1Mb / 19P
   PRODUCT DATASHEET Strada-SQ series
logo
CTS Corporation
VCX2150A CTS-VCX2150A Datasheet
67Kb / 2P
   Surface mount 15.88 mm SQ (.625 SQ)
VCX2154A CTS-VCX2154A Datasheet
67Kb / 2P
   Surface mount 15.88 mm SQ (.625 SQ)
logo
PHOENIX CONTACT
1441558 PHOENIX-1441558 Datasheet
128Kb / 8P
   Flush-type connector - SACC-SQ-M12FSB-5CON-25F/0,5
09/11/2020
1408573 PHOENIX-1408573 Datasheet
234Kb / 5P
   Flush-type connector - SACC-SQ-M12FS-8CON-20-L180
1441590 PHOENIX-1441590 Datasheet
119Kb / 7P
   Flush-type connector - SACC-SQ-M12FS-12CON-25F/0,5
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com