Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP130 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP130
Description  Programmable Controllers AC / DC?묲nput Module Telecommunication
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP130 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP130 Datasheet HTML 1Page - Toshiba Semiconductor TLP130 Datasheet HTML 2Page - Toshiba Semiconductor TLP130 Datasheet HTML 3Page - Toshiba Semiconductor TLP130 Datasheet HTML 4Page - Toshiba Semiconductor TLP130 Datasheet HTML 5Page - Toshiba Semiconductor TLP130 Datasheet HTML 6Page - Toshiba Semiconductor TLP130 Datasheet HTML 7Page - Toshiba Semiconductor TLP130 Datasheet HTML 8Page - Toshiba Semiconductor TLP130 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP130
2007-10-01
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS=0, f=1MHz
0.8
pF
Isolation resistance
RS
VS=500V
5
×1010
10
14
AC, 1minute
3750
AC, 1second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
ton
3
Turn
−off time
toff
VCC = 10V, IC = 2mA
RL = 100Ω
3
μs
Turn
−on time
tON
2
Storage time
tS
25
Turn-off time
tOFF
RL = 1.9 kΩ
(Fig.1)
RBE = OPEN
VCC = 5 V, IF = ±16mA
40
μs
Turn
−on time
tON
2
Storage time
tS
20
Turn-off time
tOFF
RL = 1.9kΩ
(Fig.1)
RBE = 220kΩ
VCC = 5 V, IF = ±16mA
30
μs
Fig. 1 Switching time test circuit
IF
VCC
VCE
RL
RBE
VCC
VCE
IF
tON
tOFF
ts
4.5V
0.5V


Similar Part No. - TLP130

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
   Programmable Controllers AC / DC.Input Module Telecommunication
TLP130 TOSHIBA-TLP130 Datasheet
210Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
More results

Similar Description - TLP130

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624BV TOSHIBA-TLP624BV Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
   Programmable Controllers AC DC-Input Module Telecommunication
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
   Programmable Controllers AC/DC?묲nput Module Hybrid ICs
TLP120 TOSHIBA-TLP120 Datasheet
162Kb / 8P
   Programmable Controllers AC / DC.Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com