Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PXAG49KBBD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PXAG49KBBD
Description  XA 16-bit microcontroller family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXAG49KBBD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PXAG49KBBD Datasheet HTML 12Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 13Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 14Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 15Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 16Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 17Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 18Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 19Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2001 Jun 27
16
In-Application Programming Method
Several Application Program Interface (API) calls are available for
use by an application program to permit selective erasing and
programming of FLASH sectors. All calls are made through a
common interface, PGM_MTP. The programming functions are
selected by setting up the microcontroller’s registers before making
a call to PGM_MTP at FFF0H. Results are returned in the registers.
The API calls are shown in Table 2.
Table 2. API calls
API CALL
PARAMETER
PROGRAM DATA BYTE
Input Parameters:
R0H = 02h or 92h
R6 = address of byte to program
R4L = byte to program
Return Parameter
R4L = 00 if pass, non-zero if fail
ERASE BLOCK
Input Parameters:
R0H = 01h or 93h
R6H = block number in bits 7:5, bits 4:0 = ’0’
block 0 : R6H = 00h
block 1 : R6H = 20h
block 2 : R6H = 40h
block 3 : R6H = 80h
block 4 : R6H = C0h
R6L = 00h
Return Parameter
R4L = 00 if pass, non-zero if fail
ERASE BPC and
STATUS BYTE
Input Parameters:
R0H = 04h
Return Parameter
R4L = 00 if pass, non-zero if fail
PROGRAM SECURITY BIT
Input Parameters:
R0H = 05h
R6H = 00h
R6L = 00h – security bit # 1 (inhibit writing to FLASH)
01h – security bit # 2 (inhibit FLASH verify)
02h – security bit # 3 (disable external memory)
Return Parameter
none
PROGRAM STATUS BYTE
Input Parameters:
R0H = 06h
R6H = 00h
R6L = 00h – program status byte
R4L = status byte
Return Parameter
R4L = 00 if pass, non-zero if fail
NOTE: Only two bits of this Special Cell may be programmed at one time.
PROGRAM BPC high byte
Input Parameters:
R0H = 06h
R6H = 00h
R6L = 01h – program BPC
R4L = BPC[15:8] (BPC[7:0] unchanged)
Return Parameter
R4L = 00 if pass, non-zero if fail
NOTE: Only two bits of this Special Cell may be programmed at one time.
READ DEVICE DATA
Input Parameters:
R0H = 03h
R6 = address of byte to read
Return Parameter
R4L = value of byte read
READ MANUFACTURER ID
Input Parameters:
R0H = 00h
R6H = 00h
R6L = 00h (manufacturer ID)
Return Parameter
R4L = value of byte read


Similar Part No. - PXAG49KBBD

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PXAG49KBA PHILIPS-PXAG49KBA Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
More results

Similar Description - PXAG49KBBD

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
Macronix International
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
NXP Semiconductors
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
Freescale Semiconductor, Inc
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
Xilinx, Inc
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
Cypress Semiconductor
Cypress Semiconductor
S6E2C4 CYPRESS-S6E2C4 Datasheet
447Kb / 3P
   32-bit Microcontroller FM4 Family
S6J32BA CYPRESS-S6J32BA Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com